Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP8G206N Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTP8G206N
Description  Power GaN Cascode Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP8G206N Datasheet(HTML) 5 Page - ON Semiconductor

  NTP8G206N Datasheet HTML 1Page - ON Semiconductor NTP8G206N Datasheet HTML 2Page - ON Semiconductor NTP8G206N Datasheet HTML 3Page - ON Semiconductor NTP8G206N Datasheet HTML 4Page - ON Semiconductor NTP8G206N Datasheet HTML 5Page - ON Semiconductor NTP8G206N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTP8G206N
www.onsemi.com
5
Figure 11. Switching Time Test Circuit
Figure 12. Switching Time Waveform
VDS
VGS
90%
10%
toff
tf
td(off)
tr
td(on)
ton
Figure 13. Test Circuit for Reverse Diode
Characteristics
Figure 14. Diode Recovery Waveform
QF
QS
i, V
IF
diF/dt
IRRM
VRRM
90% I RRM
10% I RRM
dirr/dt
t
tF
tS
trr
trr = t S + tF
Qrr = Q S + Q
SiC Diode



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com