Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP8G206N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTP8G206N
Description  Power GaN Cascode Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP8G206N Datasheet(HTML) 4 Page - ON Semiconductor

  NTP8G206N Datasheet HTML 1Page - ON Semiconductor NTP8G206N Datasheet HTML 2Page - ON Semiconductor NTP8G206N Datasheet HTML 3Page - ON Semiconductor NTP8G206N Datasheet HTML 4Page - ON Semiconductor NTP8G206N Datasheet HTML 5Page - ON Semiconductor NTP8G206N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTP8G206N
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Forward Characteristics of Rev.
Diode
VSD (V)
6
4
2
0
0
5
10
15
20
25
IS = f(VSD)
30
8
1
TJ = 175°C
75
°C
150
°C
35
40
45
35
7
125
°C
100
°C
50
°C
25
°C
Figure 8. Safe Operating Area
VSD (V)
100
10
1
0.1
0.1
1
1000
TC = 25°C
10
100
5 ms
DC
1 ms
100
ms
10
ms
Figure 9. Safe Operating Area
VSD (V)
100
10
1
0.1
0.1
1
1000
TC = 80°C
10
100
5 ms
DC
1 ms
100
ms
10
ms
Figure 10. Transient Thermal Resistance
VSD (V)
1
0.1
0.001
0.00001
0
0.6
10
Single Pulse
1.0
0.2
0.4
0.01
0.0001
0.8
1.2
1.4
D = 10%
D = 20%
D = 50%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com