Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP8G206N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTP8G206N
Description  Power GaN Cascode Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP8G206N Datasheet(HTML) 3 Page - ON Semiconductor

  NTP8G206N Datasheet HTML 1Page - ON Semiconductor NTP8G206N Datasheet HTML 2Page - ON Semiconductor NTP8G206N Datasheet HTML 3Page - ON Semiconductor NTP8G206N Datasheet HTML 4Page - ON Semiconductor NTP8G206N Datasheet HTML 5Page - ON Semiconductor NTP8G206N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTP8G206N
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Output Characteristics
Figure 2. Typical Output Characteristics
VDS (V)
6
4
2
0
0
10
20
30
40
50
Figure 3. Typical Transfer Characteristics
Figure 4. Normalized On−Resistance
VGS (V)
TJ (°C)
10
8
6
4
0
10
30
125
200
100
50
25
0
0.0
1.5
2.5
3.0
Figure 5. Typical Capacitance
Figure 6. Typical COSS Stored Eneergy
VDS (V)
1
10
3 V
VGS = 8 V
TJ = 25°C
ID = 12 A,
VGS = 10 V
60
810
50
0
20
40
60
2.0
100
1000
75
150
TJ = 25°C
4 V
5 V
VDS (V)
6
4
2
0
0
10
20
30
40
3 V
VGS = 8 V
810
TJ = 175°C
4 V
5 V
5
15
25
35
2 V
VDS = 10 V
TJ = 175°C
2
0.5
1.0
175
VGS = 0 V
f = 1 MHz
CISS
COSS
CRSS
VDS (V)
500
400
200
100
0
0
6
10
12
8
300
600
2
4
500
400
200
100
0
300
600



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com