Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP8G206N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTP8G206N
Description  Power GaN Cascode Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP8G206N Datasheet(HTML) 2 Page - ON Semiconductor

  NTP8G206N Datasheet HTML 1Page - ON Semiconductor NTP8G206N Datasheet HTML 2Page - ON Semiconductor NTP8G206N Datasheet HTML 3Page - ON Semiconductor NTP8G206N Datasheet HTML 4Page - ON Semiconductor NTP8G206N Datasheet HTML 5Page - ON Semiconductor NTP8G206N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTP8G206N
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS =0V, ID =1mA
600
V
Drain−to−Source Leakage Current
IDSS
VDS = 600 V, VGS =0V
TJ =25°C
2.5
90
mA
TJ = 150°C
8.0
Gate−to−Source Leakage Current
IGSS
VGS = ±18 V
±100
nA
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID = 500 mA
1.6
2.1
2.6
V
Static Drain-to-Source On Resistance
RDS(on)
VGS =8V, ID = 11 A, TJ =25°C
150
180
m
W
VGS =8V, ID = 11 A, TJ = 175°C
340
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
VDS = 480 V, VGS = 0 V, f = 1 MHz
760
pF
Output Capacitance
Coss
44
Reverse Transfer Capacitance
Crss
5.0
Effective output capacitance, energy
related (Note 3)
Co(er)
VGS = 0 V, VDS = 0 to 480 V
64
Effective output capacitance, time
related (Note 4)
Co(tr)
ID = constant, VGS = 0 V,
VDS = 0 to 480 V
105
Total Gate Charge
Qg
VDS = 100 V, ID = 11 A, VGS = 4.5 V
6.2
9.3
nC
Gate-to-Source Charge
Qgs
2.1
Gate-to-Drain Charge
Qgd
2.2
SWITCHING CHARACTERISTICS (Note 2)
Turn-on Delay Time
td(on)
VDD = 480 V, ID =11A,
VGS =10V, RG = 2 W
6.2
ns
Rise Time
tr
4.5
Turn-off Delay Time
td(off)
9.7
Fall Time
tf
4.0
SOURCE−DRAIN DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
IS = 11 A, VGS =0V
TJ =25°C
2.2
V
Reverse Recovery Time
trr
VGS =0V, VDD = 400 V
IS = 11 A, di/dt = 2000 A/ms
17
ns
Reverse Recovery Charge
Qrr
53
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperatures.
3. Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V(BR)DSS
4. Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V(BR)DSS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com