Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP8G206N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTP8G206N
Description  Power GaN Cascode Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP8G206N Datasheet(HTML) 1 Page - ON Semiconductor

  NTP8G206N Datasheet HTML 1Page - ON Semiconductor NTP8G206N Datasheet HTML 2Page - ON Semiconductor NTP8G206N Datasheet HTML 3Page - ON Semiconductor NTP8G206N Datasheet HTML 4Page - ON Semiconductor NTP8G206N Datasheet HTML 5Page - ON Semiconductor NTP8G206N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2015 − Rev. 2
1
Publication Order Number:
NTP8G206N/D
NTP8G206N
Power GaN Cascode
Transistor 600 V, 150 mW
Features
• Fast Switching
• Extremely Low Qrr
• Transphorm Inside
• These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
ABSOLUTE MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
NDD
Unit
Drain−to−Source Voltage
VDSS
600
V
Gate−to−Source Voltage
VGS
±18
V
Continuous Drain
Current RqJC
Steady
State
TC = 25°C
ID
17
A
TC = 100°C
12
Power Dissipation –
RqJC
Steady
State
TC = 25°C
PD
96
W
Pulsed Drain
Current
tp = 10 ms
IDM
60
A
Operating Junction and Storage
Temperature
TJ,
TSTG
−55 to
+150
°C
Lead Temperature for Soldering Leads
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
RqJC
1.55
°C/W
Junction−to−Ambient Steady State
RqJA
62
°C/W
www.onsemi.com
V(BR)DSS
RDS(ON) TYP
600 V
150 m
W @ 10 V
N−Channel MOSFET
D (3)
S (2,4)
G (1)
Device
Package
Shipping
ORDERING INFORMATION
NTP8G206NG
TO−220
(Pb−Free)
50 Units / Rail
TO−220
CASE 221A−09
STYLE 10
1
2
3
4
MARKING DIAGRAM
& PIN ASSIGNMENT
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
NTP8G206NG
AYWW
1
Gate
3
Drain
4
Source
2
Source


Similar Part No. - NTP8G206N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP8G202N ONSEMI-NTP8G202N Datasheet
114Kb / 6P
Power GaN Cascode Transistor
May, 2015 ??Rev. 1
NTP8G202NG ONSEMI-NTP8G202NG Datasheet
114Kb / 6P
Power GaN Cascode Transistor
May, 2015 ??Rev. 1
More results

Similar Description - NTP8G206N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFC505 PHILIPS-BFC505 Datasheet
82Kb / 11P
NPN wideband cascode transistor
1996 Oct 08
BFC520 PHILIPS-BFC520 Datasheet
102Kb / 12P
NPN wideband cascode transistor
1997 Sep 10
logo
Polyfet RF Devices
GP1001 POLYFET-GP1001 Datasheet
92Kb / 2P
RF POWER GAN TRANSISTOR
GX4001 POLYFET-GX4001 Datasheet
59Kb / 2P
RF POWER GAN TRANSISTOR
logo
M/A-COM Technology Solu...
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00_15 Datasheet
833Kb / 6P
GaN HEMT Power Transistor
logo
ON Semiconductor
NTP8G202N ONSEMI-NTP8G202N Datasheet
114Kb / 6P
Power GaN Cascode Transistor
May, 2015 ??Rev. 1
logo
Transphorm Inc
TP65H035WS TRANSPHORM-TP65H035WS Datasheet
1Mb / 12P
650V Cascode GaN FET in TO-247
TP65H050WS TRANSPHORM-TP65H050WS Datasheet
1Mb / 12P
650V Cascode GaN FET in TO-247
TP65H050BS TRANSPHORM-TP65H050BS Datasheet
1,010Kb / 11P
650V Cascode GaN FET in TO-263 (source tab)
TP90H050WS TRANSPHORM-TP90H050WS Datasheet
1Mb / 12P
900V Cascode GaN FET in TO-247 (source tab)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com