Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1860 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AS1860
Description  60W/90W PoE PD Controllers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1860 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AS1860 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
AS1860
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
http://www.AkrosSilicon.com
13
Table 7 - Primary Side DC-DC Controller Electrical Characteristics
Symbol
Parameter
Min
Typ1
Max
Unit
Conditions
VIN_AF
Type 1 PD input voltage
37
48
57
V
Measured at the Network Interface
VIN_AT
Type 2 PD input voltage
42.5
48
57
V
Measured at the Network Interface
VAUX
Input Voltage, Local Power
Mode
9.5
57
V
Measured at 48VIN (referenced to
48N) over full VLDET range
VLDET_ON
Local input voltage threshold
for Local Power Mode - ON
48VIN
-2.4V
V
See Table 3 for Absolute Maximum
Rating for LDET (referenced to
48VIN).
VLDET_OFF
Local input voltage threshold
for Local Power Mode - OFF
48VIN-
1.2V
V
VBIAS
External bias source voltage
82
142
V
Sets VOH of GATE.
FPWM1L
Low end of Primary PWM
switching frequency range
104
KHz
Set by external resistors on PRI_DIV
and SEC_DIV pins see Table 17.
FPWM1H
High end of Primary PWM
switching frequency range
512
KHz
Set by external resistors on PRI_DIV
and SEC_DIV pins see Table 17.
FOSC1
PWM1 clock frequency
accuracy
-20
+20
%
See Table 17 for frequency.
FPWM1T
PWM switching frequency
temperature coefficient
0.12
%/C°
Refer to Table 17 for PWM Frequency.
RH_GATE
GATE drive impedance
6
Ω
High side output drive resistance,
Source.
RL_GATE
6
Ω
Low side output drive resistance, Sink.
VPK1P
Peak current sense
threshold voltage at
ISENSEP
395
mV
Ipeak = VPK1P / RISENSEP.
DMAX1
Primary PWM Maximum
duty cycle
803
%
DMIN1
Primary PWM Minimum duty
cycle
103
%
1
Typical values at: Ta = 25°C, Vin = 48VDC. Typical specifications not 100% tested. Performance guaranteed by design and/or other correlation
methods.
2 Guaranteed by characterization. Not tested in production.
3 Guaranteed by design. Not tested in production.
Table 8 - Secondary Side Sync Controller (Output #1) Electrical Characteristics
Symbol
Parameter
Min
Typ1
Max
Unit
Conditions
VSYNC_OUT
SYNC_OUT voltage
4.5
5
6
V
RH_SYNC
SYNC_OUT
Source Impedance
VDD_SYNC = 5V
2.5
Ω
Source
RL_SYNC
2.5
Ω
Sink
VMR1
Output 1 voltage margining
range
±5
%
Software mode, see Table 37.
VREF1
FB1 voltage reference
0.98
1.0
1.02
V
ILEA1
Error amp leakage
12
µA
Gm1
Feedback Transconductance
(Siemens)
150
225
350
µS
1
Typical values at: Ta = 25°C, Vin = 48VDC. Typical specifications not 100% tested. Performance guaranteed by design and/or other correlation
methods.
2
Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com