Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1860 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AS1860
Description  60W/90W PoE PD Controllers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1860 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AS1860 Datasheet HTML 35Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 36Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 37Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 38Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 39Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 40Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 41Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 42Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
AS1860
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
http://www.AkrosSilicon.com
39
Table 29 - Device Control and I/O Status (R/W) - 06h
Bit
Function
Description
Reset State
D7
reserved
do not write to this data bit
0
D6
Reset all registers
1 = force reset all registers
0 = no resets
0
D5
Enable Interrupts
1 = enable interrupts that are masked on
0 = no interrupts enabled
0
D4
Disable PGOOD reset
1 = PGOOD fault will not reset registers
0 = PGOOD fault will reset registers
0
D3
reserved
do not write to this data bit
0
D2
reserved
do not write to this data bit
0
D1
General-Purpose Output (GPOP)
GPOP pin reflects the state of this bit
0
D0
General-Purpose Input (GPIP)
This bit reflects the state of the GPIP pin
0
Table 30 - Watchdog Timeout (R/W) - 07h
Bit
Function
Description
Reset State
D7
D7 of 8-bit watchdog timer
Watchdog timeout counter value (125ms increments),
used in Software Mode only.
FF = max value (32 sec)
01 = min value (125ms)
00 = reserved, do not use
1
D6
D6 of 8-bit watchdog timer
1
D5
D5 of 8-bit watchdog timer
1
D4
D4 of 8-bit watchdog timer
1
D3
D3 of 8-bit watchdog timer
1
D2
D2 of 8-bit watchdog timer
1
D1
D1 of 8-bit watchdog timer
1
D0
D0 of 8-bit watchdog timer
1
Table 31 - ADCIN Voltage (Read-Only) - 08h
Bit
Function
Description
Reset State
D7
D7 of 8-bit voltage measure
8-bit measurement of voltage at ADCIN pin (primary
side). The A/D runs continuously with a 100Hz sampling
rate (minimum), and can be read at full I2C speed.
FF (hex) = 2.5 V
00 (hex) = 0 V
step size = 9.80 mV
0
D6
D6 of 8-bit voltage measure
0
D5
D5 of 8-bit voltage measure
0
D4
D4 of 8-bit voltage measure
0
D3
D3 of 8-bit voltage measure
0
D2
D2 of 8-bit voltage measure
0
D1
D1 of 8-bit voltage measure
0
D0
D0 of 8-bit voltage measure
0
Table 32 - ADCIN Alarm Threshold (R/W) - 09h
Bit
Function
Description
Reset State
D7
D7 of 8-bit A/D Interrupt Threshold
8 bit Threshold for A/D Alarm Interrupt (if enabled) from
ADCIN input pin.
FF (hex) = 2.5V
00 (hex) = 0 V
step size = 9.80 mV
1
D6
D6 of 8-bit A/D Interrupt Threshold
1
D5
D5 of 8-bit A/D Interrupt Threshold
1
D4
D4 of 8-bit A/D Interrupt Threshold
1
D3
D3 of 8-bit A/D Interrupt Threshold
1
D2
D2 of 8-bit A/D Interrupt Threshold
1
D1
D1 of 8-bit A/D Interrupt Threshold
1
D0
D0 of 8-bit A/D Interrupt Threshold
1
Table 33 - PD Status and System Clock Control (R/W) - 0Ah
Bit
Function
Description
Reset State
D7
reserved
do not write to this data bit
0
D6
LDET
1 = Local power supply detected
0 = no Local power supply detected
0
D5
AT_DET
1 = IEEE® 802.3at, or, Local Power mode detection
0 = IEEE® 802.3af mode detection
0
D4
CLIM
1 = 750ma (min) PoE current limit
0 = 375ma (min) PoE current limit
Note that CLIM status is not valid in Local Power mode
(LDET status bit D6=1).
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com