Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1860 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AS1860
Description  60W/90W PoE PD Controllers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1860 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AS1860 Datasheet HTML 23Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 24Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 25Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 26Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 27Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 28Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 29Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 30Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
AS1860
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
http://www.AkrosSilicon.com
27
Current-Limit and Current Sense
The Controller provides cycle-by-cycle current limiting to
ensure that current limits are not exceeded, using an external
resistor sensed at ISENP4 and ISENN4.
For each PWM cycle during which the maximum ISENP4-to-
ISENN4 sensed current limit voltage is tripped, a short-circuit
counter is incremented. This counter is reset to zero if and
only if two consecutive PWM cycles do not contain current
limit events. If the counter reaches 16 a short-circuit event is
declared and Output #4 is powered down. After 256 clock
cycles of wait time Output #4 will attempt a restart, if the
short-circuit persists the counter will begin to increment and
the cycle will repeat itself.
Over-voltage Protection
Output #4 has a built-in over-voltage monitor set to +10% of
nominal voltage. If tripped the output is shut down until within
+5% of nominal voltage, normal operation is then resumed.
If Voltage Margining is used (see Software Mode Operation)
the over-voltage protection tracks to the margining selected.
HARDWARE MODE OPERATION
The Hardware mode of operation is designed to provide
basic control and status of the device via hardware (pin)
control signals. Hardware mode functions and operation are
described below.
(Please also refer to the Akros document AN080 for a
detailed Design Guide.)
Device
Initialization
&
Hardware
Mode
Selection
Primary-side digital logic is initialized while the MODE pin is
Low, A required external capacitor between MODE and 48N
provides the power-on reset input required to initialize the
device.
Hardware (HW) mode is selected when the MODE pin is also
pulled-up High (in addition to the power-on reset capacitor to
48N). The VDD3V_OUT pin can be used for the MODE pin
pull-up power source by using a 17.8KΩ (maximum) resistor
from MODE to VDD3V_OUT.
Secondary-side digital logic is initialized while the SEC_EN
pin is Low, a required external capacitor between SEC_EN
and SGND will provide the power-on reset input required to
initialize the secondary-side.
HW Mode Power Output Controls
Power Outputs #2 thru #4 each have independent output
enable pins (EN2, EN3, and EN4) that enable the
corresponding power output, and, can also be used to delay
the power outputs relative to each other. Note that Output #1,
the main device power output, is always enabled and does
not have an output enable pin.
The ENx pins have internal pull-ups, so outputs are enabled
when an ENx pin is simply connected to an external timing
capacitor (CENX), see Figure 16.
As shown in Figure 17, a Low voltage (ground) on an ENx
pin disables the corresponding power output. In addition, if
an output is not used the associated FBx pin should in fact
be pulled High to prevent a disabled output from affecting
PGOOD status.
Figure 16 - HW Mode Output(s) Hardware Enabled
Figure 17 - HW Mode Output(s) Hardware Disabled
HW Mode Power Output Sequencing
Connecting a grounded external capacitor to an ENx pin
establishes a delay before the corresponding power output is
turned on. Each power output delay capacitor can be
selected to create a user defined power-on sequence.
The time delay (TENX) in seconds for a capacitor (CENX) is
defined by the formula:
A
10
8
.
0
ENX
ENX
C
T
(must be > 8ms)
For example, a 200nF cap creates an output delay of 16ms.
Each ENx pin has an internal 0.8V threshold detector and
sources 10µA. When the ENx pin reaches 0.8V, enable delay
timing begins.
Each ENx delay must be greater than 8ms for proper device
startup assuming a typical 10nF capacitor on SEC_EN. All
delays for power outputs #2-#4 are synchronized to the
beginning of the Output #1 voltage ramp (see Figure 18).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com