Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1860 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AS1860
Description  60W/90W PoE PD Controllers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1860 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AS1860 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 20Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 21Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 22Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 23Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 24Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
AS1860
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
http://www.AkrosSilicon.com
21
As the supply voltage from the PSE increases from 0V, the
AS1860 transitions through these operating states:
These five operating states have specific transition criteria
per the IEEE® PoE standard.
PD Reset State
When the voltage supplied to the AS1860 drops below
VRESET_MIN, the device enters the reset state. In reset
state, the AS1860 consumes very little power, the power
supply to the PD is disconnected and state condition reverts
to pre-classification.
PD Signature Detection State
During signature detection, the PSE applies a voltage to read
the PD power signature and validates the PD as standards
compliant.
To ascertain the power signature the PSE applies two
voltages in the signature voltage range and extracts a
signature resistance value from the I-V slope. The AS1860
signature resistance is specified by an external resistor
connected between the RSIG pin and the 48VIN pin. A
26.7kΩ external signature resistor is recommended.
Upon successful detection of the PD by a PSE the AS1860
disconnects the external signature resistor at the RSIG pin to
conserve power.
PD Classification State
Each class represents a power allocation level for the PD
and allows the PSE to manage power requirements between
multiple PDs. The AS1860 supports both IEEE® Std. 802.3af,
and two event classification per IEEE® Std. 802.3at (PoE+),
see Figure 29.
The AS1860 allows the user to set required classification
current via an external resistor connected between the
RCLASS pin and 48RTN (Paddle #1). See Table 14 for
recommended RCLASS resistor values.
During the classification state the PSE presents a voltage
between 14.5V and 20.5V which the AS1860 terminates in
the RCLASS resistor resulting in a PSE measurable current,
Iclass.
Table 14 - Classification Map
Class
Power
(Watts)
Iclass
Rclass
0
0.44-12.95
0 - 4 mA
2.05MΩ, 1%
1
0.44-3.84
9 - 12 mA
221kΩ, 1%
2
3.84-6.49
17 - 20 mA
115kΩ, 1%
3
6.49-12.95
26 - 30 mA
75kΩ, 1%
4
12.96-25.5
36 - 44 mA
49.9kΩ, 1%
Upon successful classification of the PD by a PSE the
AS1860 disconnects the external classification resistor at the
RCLASS pin.
PD Idle State
In the Idle state (between Classification and the ON state)
the AS1860 current is limited to monitoring circuitry needed
for detection of the ON state threshold.
PD ON State
At a voltage of 42V or higher the AS1860 enters the ON state
and full power is available via the DC-DC Controller.
In IEEE® PoE compliant systems the PSE remotely detects
either a DC or AC Maintain Power Signature (MPS) state in
the PD platform. If either the PD PoE DC current is less than
10mA or the PD input AC impedance is above 26.25KΩ the
PSE may disconnect power. To guarantee such a power
disconnect the PD PoE DC current must be <5mA, and, the
AC impedance must be >2MΩ.
AT Detection Operation
The AS1860 has both software (I2C register bit) and
hardware (AT_DET pin) capabilities to indicate a PoE Plus
platform operating mode.
The AT_DET detect feature (either pin or software) provides
an indication when a PoE+ Power Source is available to the
system, from either an Ethernet cable to a Type 2 PSE or via
use of Local Power Supply using the LDET input pin. In the
case of hardware mode the AT_DET pin can be used to
directly drive an LED indicator. Since this pin is on the
secondary side of the AS1860 the user can interface it
directly to the PD system controller without additional
interfacing isolation circuitry. A typical platform usage of
AT_DET is to self-configure the PD platform based on
available power.
If not operating on Local Power, the AT_DET indicator stays
low during the PD Reset, Detection and Classification
phases. This indicator will be set high once the PD
recognizes completion of the 2-event Physical Layer
Classification as initiated by a Type 2 PSE. The pin will
remain high and be reset to zero after the occurrence of a PD
Reset State (48VIN < 2.7V) or a power-down event. AT_DET
remains low if the PSE partner is identified to be Type 1
during the classification phase.
Local Power Source
As mentioned above the AS1860 may also be powered from
a DC source other than the Ethernet line. This local source is
detected when the voltage at the LDET pin is 2 volts (typ)
below the voltage at pin 48VIN. When such a local power is
present the AS1860 will disable the power FET and thereby
disconnect from the PoE power source.
When operating in Local Power mode the AT_DET pin does
not indicate the far end PSE, and is always HIGH (see Table
15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com