Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1860 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # AS1860
Description  60W/90W PoE PD Controllers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1860 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button AS1860 Datasheet HTML 41Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 42Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 43Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 44Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 45Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 46Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 47Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 48Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
AS1860
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
http://www.AkrosSilicon.com
45
Figure 33 – Primary bias enabling external MOSFET M1
Rsig
48Vin
Rclass
48RTN
48N
GPIS
Secondary side Logic Enable
The secondary referenced logic enabled circuit accepts a
logic signal from the secondary (GPIS) and applies it through
the AS1860 isolation barrier to GPOP which allows the
primary bias rail to be applied to the external bypass
MOSFET (M1) gate.
Figure 34 – Secondary side logic control of external MOSFET M1
Rsig
48Vin
Rclass
48RTN
48N
GPIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com