Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNX-PJS Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DNX-PJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNX-PJS Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DNX-PJS Datasheet HTML 1Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 2Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 3Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 4Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 5Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 6Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 7Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 8Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Group
Dominantwavelengthismeasuredwithanaccuracyof±1nm.
Wavelength Grouping at Tj=25˚C
Wavelength distribution (nm)
Color
DNR;Red
DNA;Amber
DNY;Yellow
Full
Full
W
X
Full
W
X
Y
Z
620-630
610-621
610-615
615-621
582-594
582-585
585-588
588-591
591-594
AllnGaP : DNx-PJS
DOMINANT
Opto Technologies
Innovating Illumination
TM
06/08/2015V7.0
Unit
Characteristics
Value
Temperature coefficient of
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of VF(typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of IV(typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
nm/K
Symbol
dom(typ)
TC
TCV
mV/K
TCIV
%/K
DNR-PJS
DNA-PJS
DNY-PJS
DNR-PJS
DNA-PJS
DNY-PJS
DNR-PJS
DNA-PJS
DNY-PJS
Part Number
dom(typ)
0.05
0.06
0.08
-2.2
-2.0
-1.9
-0.5
-0.7
-0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com