Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNX-PJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DNX-PJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNX-PJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DNX-PJS Datasheet HTML 1Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 2Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 3Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 4Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 5Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 6Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 7Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 8Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
DNR-PJS-VW1-1
DNA-PJS-V2W-1
DNY-PJS-VW1-1
DNY-PJS-V2W-1
Red,620nm
Amber,615nm
Yellow,590nm
Yellow,590nm
120
120
120
120
715.00
900.00
715.00
900.00
AllnGaP : DNx-PJS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 20mA IV (mcd)
Optical Characteristics at Tj=25˚C
NOTE
1.Allpartnumberabovecomesinaquantityof3000unitsperreel.
2.Luminousintensityismeasuredwithanaccuracyof±11%.
3.Wavelengthbinningiscarriedforallunitsasperthewavelength-binningtable.Onlyonewavelengthgroupisallowedforeachreel.
Min.
Typ.
Max.
1057.50
1350.00
1057.50
1350.00
1400.00
1800.00
1400.00
1800.00
Typ. (V)
Vf @ If = 20mA
Forwardvoltage,Vfismeasuredwithanaccuracyof±0.1V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DNx-PJS
2.2
2.6
1.8
Min. (V)
12
DOMINANT
Opto Technologies
Innovating Illumination
TM
Unit
Absolute Maximum Ratings
Maximum Value
DCforwardcurrent
Peakpulsecurrent;
(tp ≤ 10µs, Duty cycle = 0.005)
Reversevoltage
ESDthreshold(HBM)
LEDjunctiontemperature
Operatingtemperature
Storagetemperature
Powerdissipation(atroomtemperature)
Thermalresistance
-Junction/ambient,RthJA
-Junction/solderpoint,RthJS
(Mounting on FR4 PCB, pad size >= 16 mm2perpad)
50
100
12
2000
125
-40…+100
-40…+100
130
480
230
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
K/W
06/08/2015V7.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com