Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNX-PJS Datasheet(PDF) 10 Page - DOMINANT Semiconductors

Part # DNX-PJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNX-PJS Datasheet(HTML) 10 Page - DOMINANT Semiconductors

Back Button DNX-PJS Datasheet HTML 5Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 6Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 7Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 8Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 9Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 10Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 11Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 12Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 13Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
AllnGaP : DNx-PJS
DOMINANT
Opto Technologies
Innovating Illumination
TM
06/08/2015V7.0
Packaging Specification
Average 1pc Mini DomiLED
1 completed bag (3000pcs)
0.034
190±10
Weight(gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
SuperSmall
Small
Medium
Large
For Mini DomiLEDTM
Reel / Box
Cardboard Box
Size
Weight (gram)
0.007
200 ± 10
DOMINANT TM
Moisturesensitivitylevel
Moistureabsorbentmaterial+
Moistureindicator
Thereel,moistureabsorbentmaterialandmoistureindicatorare
sealedinsidethemoistureprooffoilbag
Reel
Barcodelabel
Label
(L)LotNo:lotno
(P)PartNo:partno
(C)CustNo:partno
(G)Grouping:group
(Q)Quantity:quantity
(D)D/C:datecode
(S)S/N:serialno
DOMINANT Opto Technologies
MLTEMP
2 260˚C
RoHSCompliant
MadeinMalaysia
DOMINANT Opto Technologies
DRND-008
Issue No : 1
Page 1 of 3
Product & Process Change Notice (PCN)
PCN No: D140157
Date: 21-Nov -2014
1. Describe present process / product:
All SMD LEDs that are currently shipped in the reel form. Please refer to section 3 for
the details; comparing current packing and label specification versus change proposed.
2. Product type affected:
All SMD LEDs that are currently shipped in the reel form.
3. Describe changes (to be):
Existing barcode printed label (BPL) used is as shown below.
Existing BPL size - 87mm x 45mm.
As part of improvement and also in response to customers’ request; BPL format will be
changed to the following.
New BPL size - 110mm x 55mm.
Additional information are now included in the label. 2D and 3D barcode data are
implemented now for every data field.
325x225x190
325x225x280
570x440x230
570x440x460
0.38
0.54
1.46
1.92
9reelsMAX
15reelsMAX
60reelsMAX
120reelsMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com