Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNX-PJS Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DNX-PJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNX-PJS Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DNX-PJS Datasheet HTML 1Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 2Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 3Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 4Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 5Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 6Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 7Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 8Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Relative Intensity Vs Forward Current
Forward Current; mA
0
2
4
6
8
10
0
1
2
3
4
5
6
Forward Current Vs Forward Voltage
Forward Voltage; V
1.2
1.4
1.6
1.8
2
2.2
2.4
0
5
10
15
20
25
30
Forward Current Vs Ambient Temperature
Ambient Temperature
0
20
40
60
80
100
0
5
10
15
20
25
Relative Intensity Vs Wavelength
Wavelength; nm
500
550
600
650
700
750
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
5
AllnGaP : DNx-PJS
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Radiation Pattern
Yellow
Orange
SuperRed
Amber
DOMINANT
Opto Technologies
Innovating Illumination
TM
Relative Luminous Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
Forward Current Vs Forward Voltage
Forward Voltage, V
1.2
1.4
1.6
1.8
2
2.2
2.4
0
5
10
15
20
25
30
35
Maximum Current Vs Temperature
Ambient Temperature
0
20
40
60
80
100
0
10
20
30
40
50
Relative Intensity Vs Wavelength
Wavelength, nm
500
600
700
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Relative Intensity Vs Forward Current
Forward Current, mA
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
Forward Current vs Forward Voltage
Forward Voltage; V
1.7
1.8
1.9
2
2.1
2.2
2.3
0
10
20
30
40
50
60
70
Maximum Current Vs Ambient Temperature
Ambient Temperature
0 10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
70
80
Relative Intensity Vs Wavelength
Wavelength; nm
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Yellow
Amber
Red
DOMINANT Semiconductors
30/11/10
Mini DomiLED AlInGaP DNx-PJS - Catalogue-pv2
Page 6 of 9
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Relative intensity vs. forward current.
Forward current vs. forward voltage.
Radiation pattern.
Maximum current vs. temperature.
Relative Intensity vs. Wavelength
TBD
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Intensity vs Current
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0
20
40
60
80
100
If(mA)
DOMINANT Semiconductors
30/11/10
Mini DomiLED AlInGaP DNx-PJS - Catalogue-pv2
Page 6 of 9
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Relative intensity vs. forward current.
Forward current vs. forward voltage.
Radiation pattern.
Maximum current vs. temperature.
Relative Intensity vs. Wavelength
TBD
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Intensity vs Current
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0
20
40
60
80
100
If(mA)
06/08/2015V7.0
Allowable Forward Current Vs Duty Ratio
( Ta=25 Deg C, tp≤10uS )
Duty Ratio, %
DNx-PJS
10
100
1000
0.1
1
10
100
Duty Ratio, %
Allowable Forward Current Vs Duty Ratio
( Ta=25 Deg C, tp 10uS )
Forward Current; mA
Forward Current; mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com