Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNX-PJS Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DNX-PJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNX-PJS Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DNX-PJS Datasheet HTML 1Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 2Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 3Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 4Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 5Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 6Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 7Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 8Page - DOMINANT Semiconductors DNX-PJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
AllnGaP : DNx-PJS
DOMINANT
Opto Technologies
Innovating Illumination
TM
06/08/2015V7.0
V1
V2
W1
W2
715.0...900.0
900.0...1125.0
1125.0...1400.0
1400.0...1800.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Group
Wavelength distribution (nm)
Forward Voltage (V)
Vf Binning (Optional)
Vf Bin @ 20mA
Forwardvoltage,Vfismeasuredwithanaccuracyof±0.1V.
VA
VB
VC
VD
VE
VF
1.75...1.90
1.90...2.05
2.05...2.20
2.20...2.35
2.35...2.50
2.50...2.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com