Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5S-R1500-ZAB-1 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # L5S-R1500-ZAB-1
Description  High brightness LED lamp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

L5S-R1500-ZAB-1 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  L5S-R1500-ZAB-1 Datasheet HTML 1Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 2Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 3Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 4Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 5Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 6Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 7Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 8Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Optical Characteristics at Tj=25˚C
AlInGaP: High Brightness
05/09/2013 V12.0
3
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.10)
Reverse voltage ; Ir (max) = 10µA.
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance junction to solder, Rth JS
50
200
12
2000
120
-40 … +100
-40 … +100
130
240
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
Unit
Characteristics
Value
Temperature coefficient of
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of VF (typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of IV (typ)
IF = 20mA; 0 ˚C <= T <= 100 ˚C
Symbol
dom (typ)
dom (typ)
TC
0.03
0.04
0.05
TCV
-2.5
-1.9
-2.1
mV / K
mV / K
mV / K
TCIV
-0.44
-0.55
-0.79
% / K
% / K
% / K
nm / K
nm / K
nm / K
L5R-Rxxxx
L5A-Rxxxx
L5Y-Rxxxx
L5R-Rxxxx
L5A-Rxxxx
L5Y-Rxxxx
L5R-Rxxxx
L5A-Rxxxx
L5Y-Rxxxx
Typ. (V)
Vf @ If = 20mA
Forward voltages are measure using a current pulse of 1 ms and with an accuracy of ± 0.1V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
L5x-R1500, L5x-R3000,
L5x-R60E0
1.8
2.1
12
Min. (V)
2.6
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com