Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5S-R1500-ZAB-1 Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # L5S-R1500-ZAB-1
Description  High brightness LED lamp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

L5S-R1500-ZAB-1 Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  L5S-R1500-ZAB-1 Datasheet HTML 1Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 2Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 3Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 4Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 5Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 6Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 7Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 8Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
05/09/2013 V12.0
4
AlInGaP: High Brightness
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping at Tj=25˚C
Wavelength distribution (nm)
Color
L5S; Super red
L5R; Red
L5A; Amber
L5O; Orange
L5Y; Yellow
Full
Full
Full
W
X
Full
W
X
Y
Z
Full
W
X
Y
Z
625 - 640
620 - 630
610 - 621
610 - 615
615 - 621
600 - 612
600 - 603
603 - 606
606 - 609
609 - 612
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
U1
U2
V1
V2
W1
W2
X1
X2
Y1
Y2
Z1
Z2
AA
AB
AC
AD
450.0...560.0
560.0...715.0
715.0...900.0
900.0...1125.0
1125.0...1400.0
1400.0...1800.0
1800.0...2240.0
2240.0...2850.0
2850.0...3550.0
3550.0...4500.0
4500.0...5600.0
5600.0...7150.0
7150.0...9000.0
9000.0...11250.0
11250.0...14000.0
14000.0...18000.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 15%.
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com