Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5S-R1500-ZAB-1 Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # L5S-R1500-ZAB-1
Description  High brightness LED lamp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

L5S-R1500-ZAB-1 Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  L5S-R1500-ZAB-1 Datasheet HTML 1Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 2Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 3Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 4Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 5Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 6Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 7Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 8Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
05/09/2013 V12.0
1
DATA SHEET:
5mm Lamp
AlInGaP : High Brightness
All rights reserved. Product specifications are subject to change without notice.
Lamp Type LED - 5mm Round
Synonymous with function and performance, the 5mm Round LED has
superior performance in outdoor applications due to its well-defined
radiation pattern and wide viewing angle. These lamps are made with
an advanced optical grade epoxy, offering superior high temperature
and high moisture resistance performance in outdoor signal and sign
applications
Features:
> High brightness LED lamp.
> Narrow viewing angle; 15o, 30o and 60o
> Superior resistance to moisture.
> Suitable for TTW soldering.
Applications:
> Full color signs
> Outdoor displays/signs
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Description - L5S-R1500-ZAB-1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5427-H AUK-SM5427-H Datasheet
213Kb / 3P
High Brightness LED Lamp
SR5427-U AUK-SR5427-U Datasheet
220Kb / 3P
High Brightness LED Lamp
SW3318G AUK-SW3318G Datasheet
323Kb / 5P
High Brightness LED Lamp
SY3318-V AUK-SY3318-V Datasheet
166Kb / 3P
High Brightness LED Lamp
SY5311-V AUK-SY5311-V Datasheet
201Kb / 3P
High Brightness LED Lamp
logo
LUXPIA
LGH5236 LUXPIA-LGH5236 Datasheet
140Kb / 6P
High Brightness LED Lamp
LBH5020 LUXPIA-LBH5020 Datasheet
131Kb / 6P
High Brightness LED Lamp
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
High Brightness LED Lamp
logo
DOMINANT Semiconductors
L3W-U60E0 DOMINANT-L3W-U60E0 Datasheet
1Mb / 15P
High brightness LED lamp
L5X-EXX DOMINANT-L5X-EXX Datasheet
878Kb / 15P
High brightness LED lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com