Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5S-R1500-ZAB-1 Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # L5S-R1500-ZAB-1
Description  High brightness LED lamp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

L5S-R1500-ZAB-1 Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  L5S-R1500-ZAB-1 Datasheet HTML 1Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 2Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 3Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 4Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 5Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 6Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 7Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 8Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
05/09/2013 V12.0
2
L5S-R1500-ZAB-1
L5S-R3000-XY2-1
L5S-R60E0-UV2-1
L5R-R1500-AAD-1
L5R-R3000-W2Y1-1
L5R-R3000-YZ2-1
L5R-R3000-ZAA-1
L5R-R60E0-VW2-1
L5A-R1500-AAD-1
L5A-R3000-YZ2-1
L5O-R1500-AAD-1
L5O-R3000-Y2AA-1
L5O-R60E0-U2W1-1
L5Y-R1500-AAD-1
L5Y-R3000-WX2-1
L5Y-R3000-YZ2-1
L5Y-R3000-ZAA-1
L5Y-R60E0-U2W1-1
Super red, 632nm
Super red, 632nm
Super red, 632nm
Red, 625nm
Red, 625nm
Red, 625nm
Red, 625nm
Red, 625nm
Amber, 615nm
Amber, 615nm
Orange, 605nm
Orange, 605nm
Orange, 605nm
Yellow, 588nm
Yellow, 588nm
Yellow, 588nm
Yellow, 588nm
Yellow, 588nm
15
30
60
15
30
30
30
60
15
30
15
30
60
15
30
30
30
60
4500.0
1800.0
450.0
7150.0
1400.0
2850.0
4500.0
715.0
7150.0
2850.0
7150.0
3550.0
560.0
7150.0
1125.0
2850.0
4500.0
560.0
AlInGaP: High Brightness
Part Ordering
Number
Color
Viewing Angle˚
Luminous Intensity @ IF = 20mA IV (mcd)
Optical Characteristics at Tj=25˚C
NOTE
1. Luminous intensity is measured with an accuracy of ± 15%.
2. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each pack.
Min.
Typ.
Max.
7150.0
2850.0
715.0
11250.0
2240.0
4500.0
7150.0
1125.0
1125.0
4500.0
11250.0
7150.0
900.0
11250.0
1800.0
4500.0
7150.0
900.0
11250.0
4500.0
1125.0
18000.0
3550.0
7150.0
9000.0
1800.0
18000.0
7150.0
18000.0
9000.0
1400.0
18000.0
2850.0
7150.0
9000.0
1400.0
Not for new design
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com