Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5S-R1500-ZAB-1 Datasheet(PDF) 14 Page - DOMINANT Semiconductors

Part # L5S-R1500-ZAB-1
Description  High brightness LED lamp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

L5S-R1500-ZAB-1 Datasheet(HTML) 14 Page - DOMINANT Semiconductors

Back Button L5S-R1500-ZAB-1 Datasheet HTML 8Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 9Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 10Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 11Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 12Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 13Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 14Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 15Page - DOMINANT Semiconductors L5S-R1500-ZAB-1 Datasheet HTML 16Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
05/09/2013 V12.0
14
AlInGaP: High Brightness
Recommended TTW Soldering Profile (acc. to CECC 00802)
300
250
200
150
100
50
0
T (˚C)
T (˚C)
0
25
50
75
100
150
125
175
200
250
225
10s
2nd
5˚C/s
2˚C/s
1st
ca 200˚C/s
100˚C…130˚C
2˚C/s
Forced
cooling
235˚C…260˚C
Standard curve
Limit Curve
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com