Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8350MA/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8350MA/NOPB
Description  Ultra-Low Distortion Fully-Differential Precision ADC Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
V
+
V
-
VOCM
Input
60 k:
60 k:
Internal
Circuitry
LMP8350
www.ti.com
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
Values of RA and RB can be calculated to achieve the voltages in Table 2, however their sum should be below
50 k
Ω to keep the voltage at the enable pin stable. Recommended values for RA and RB are given in Table 3.
Table 3. Recommended RA and RB for Mode Selection
MODE
10 V
6.6 V
5 V
VEN
High Power
RA = 0
RA = 0
RA = 0
> 7/8 VS
RB = inf
RB = inf
RB = inf
Mid Power
RA = 18 K
RA = 18 K
RA = 18 K
5/8 VS
RB = 30 K
RB = 30 K
RB = 30 K
Low Power
RA = 33 K
RA = 33 K
RA = 33 K
3/8 VS
RB = 18 K
RB = 18 K
RB = 18 K
Shutdown
RA = Inf
RA = Inf
RA = Inf
< 1/8 VS
RB = 0
RB = 0
RB = 0
7.4.2 VOCM Pin and Output Common-Mode Setting
Output common-mode voltage is set by the VOCM pin. Both outputs will be offset in the same direction (phase) by
an amount equal to the applied VOCM voltage.
The VOCM pin, if left unconnected, will self-bias to mid-supply. Two internal 60-kΩ resistors set this midpoint.
These resistors are shown in Figure 28.
Figure 28. VOCM Internal Bias Circuit
The equivalent resistance looking into the VOCM pin will look like 30 kΩ to mid-supply, plus about ±700 nA for
internal base currents (which scales with power mode and supply current). If left floating, the VOCM input should
be bypassed to ground with a 0.1-µF ceramic capacitor.
If a different output common-mode voltage is desired, the VOCM pin should be driven by a clean, low impedance
source to override the internal divider resistors. The VOCM pin should be bypassed to ground with a 0.1-µF
ceramic capacitor. It should be noted that any signal or noise-coupling into the VOCM will be passed as common-
mode noise and may result in the loss of dynamic range, degraded CMRR, degraded balance and higher
distortion. The VOCM pin is primarily intended as a DC bias path and is not intended for use as a signal path.
For applications that can tolerate slight shifts in the VOCMvoltage over temperature, it is also possible to use a
single resistor to program the VOCM voltage by paralleling one of the internal resistors to change the ratio.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com