Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8350MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8350MA/NOPB
Description  Ultra-Low Distortion Fully-Differential Precision ADC Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LMP8350
www.ti.com
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
5-V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C, Avcl = +1, RF= RG = 1 kΩ, Fully differential input, VS = +5 V,
RL = 2 kΩ//20 pF differentially, Input CMR and VOCM = mid-supply and HP mode unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
f = 10 kHz
4.5
High power
en
Input referred voltage noise
nV/
√Hz
Mid power
4.8
Low power
8
f = 10 kHz
1.8
High power
In
Input referred current noise
pA/
√Hz
Mid power
1.2
Low power
0.6
0.000107
High power
%
Total harmonic distortion +
THD+
0.000114
noise
Mid power
N
%
3 Vp-p at 1 KHz
0.000192
Low power
%
High power
–125.3
2nd harmonic distortion
HD2
Mid power
–122.6
dBc
3 Vp-p, 1 KHz
Low power
–117.0
High power
–125.5
3rd harmonic distortion
HD3
Mid power
–130.0
dBc
3 Vp-p, 1 KHz
Low power
–128.7
5-V VOCM INPUT CHARACTERISTICS
High power
4.4
VOCM small signal bandwidth
Mid power
2.2
MHz
200 mVp-p
Low power
0.56
VOCM gain
1
V/V
High power
±0.46
VOCM offset voltage
Mid power
±0.53
mV
Low power
±0.11
Low Swing
1.15
VOCM voltage range
All power levels
V
High Swing
3.85
Low Swing
30
VOCM input resistance
All power levels
K
Ω
mid-
High Swing
supply
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com