Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8350MA/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8350MA/NOPB
Description  Ultra-Low Distortion Fully-Differential Precision ADC Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 31Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
2
VSS
1
VCC
2
+
8
+
6
VSS
5
VOUT-
2
VOUT-
1
VI NN
1
-
2
GND
7
VCC
2
GND
1
VCC
1
VCC
2
GND
2
GND
2
-
1
VI NP
1
-
3
VCC
4
VOUT+
1
+
2
VOUT+
1
VSS
1
VSS
2
LMP8350
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
www.ti.com
10 Layout
10.1 Layout Guidelines
While the main signal path frequencies may be fairly low, the ultra low distortion and settling time specifications
rely on wide internal bandwidths. Precautions usually taken for high-speed amplifiers should be followed to
maintain the best settling times and lowest distortion specifications. In order to get maximum benefit from the
differential circuit architecture, board layout and component selection is very critical. The circuit board should
have low a inductance ground plane and well bypassed broad supply lines. External components should be
leadless surface mount types. The feedback network and output matching resistors should be composed of short
traces and precision resistors (0.1%). The output matching resistors should be placed within 3-4 mm of the
amplifier as should the supply bypass capacitors.
The LMP8350 is sensitive to parasitic capacitances on the outputs. Ground and power plane metal should be
removed from beneath the amplifier and from beneath RF and RG.
With any differential signal path symmetry is very important. Even small amounts of asymmetry will contribute to
distortion and balance errors. Special attention should be paid to where the bypass capacitors are grounded, as
this also affects settling and distortion performance.
The LMH730154 evaluation board is an example of good layout techniques. Evaluation boards are available for
purchase through the product folder on TI’s website.
10.2 Layout Example
Figure 38. Layout Example
28
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com