Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8350MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8350MA/NOPB
Description  Ultra-Low Distortion Fully-Differential Precision ADC Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMP8350MA/NOPB Datasheet HTML 1Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 2Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 3Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
-
4
+OUT
5
-OUT
3
6
V+
V-
EN
2
7
VOCM
+
1
8
-IN
+IN
LMP8350
www.ti.com
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
–IN
I
Inverting Input
Output common-mode voltage set input. Sets output common mode voltage equal to the
2
VOCM
I
applied VOCM pin voltage.
3
V+
I
Positive power supply voltage
4
+OUT
O
Noninverting output
5
–OUT
O
Inverting output
6
V–
I
Negative power supply voltage
7
EN
I
Enable and power select input. Applied voltage sets power level or shutdown mode.
8
+IN
I
Noninverting Input
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
Output short circuit duration
See (4)
V+ relative to V–
–0.3
12.9
V
IN+, IN–, OUT, EN and VOCM pins
(V+) + 0.3
(V–) – 0.3
V
Input current
1
mA
Junction temperature(5)
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
For soldering specifications: SNOA549
(4)
The short circuit test is a momentary test which applies to both single-supply and split-supply operation. Continuous short circuit
operation at elevated ambient temperature can exceed the maximum allowable junction temperature of 150°C. Positive number (+) is
sourcing, negative number (–) is sinking.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com