Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8350MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8350MA/NOPB
Description  Ultra-Low Distortion Fully-Differential Precision ADC Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LMP8350
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
www.ti.com
6.6 6.6-V Electrical Characteristics
Unless otherwise specified, all limits are ensured for TA = 25°C, Avcl = +1, RF = RG = 1 kΩ, Fully differential input, VS = +6.6
V, RL = 2 kΩ//20 pF differentially, Input CMR and VOCM = mid-supply and HP mode unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS(2)
MIN(3)
TYP(4)
MAX(3)
UNIT
6.6-V DC CHARACTERISTICS
TA = 25°C
±0.3
±3.5
High power
At the temperature extremes
±3.54
TA = 25°C
±0.1
±2.8
Input offset voltage
VOS
Mid power
mV
(RTI)
At the temperature extremes
±2.83
TA = 25°C
±0.1
±2.5
Low power
At the temperature extremes
±2.52
High power
±0.7
TCVO
Input offset voltage
Mid power
±0.5
μV/°C
S
vs.temperature(5)
Low power
±0.4
TA = 25°C
1.4
High power
At the temperature extremes
2.4
TA = 25°C
2.5
IB
Input bias current
Mid power
μA
At the temperature extremes
3.0
TA = 25°C
3.5
Low power
At the temperature extremes
3.7
High power
65
70
AVOL
Open-loop gain
Mid power
73
76
dB
Low power
72
75
HP at CMRR
≥ 68 dB
1.2
5.4
CMVR Common-mode voltage range(6) MP at CMRR
≥ 63 dB
1.2
5.4
V
LP at CMRR
≥ 79 dB
1.2
5.4
DC, VOCM = 0,VID = 0,
ΔVcm = ±0.2 V
70
85
High power
CMRR Common-mode rejection ratio
dB
Mid power
86
117
Low power
81
113
ZIND
Differential input resistance
VCM = mid-supply
0.48
M
Ω
CIND
Differential input capacitance
VCM = mid-supply
1
pF
Low Swing
0.84
0.77
5.76
High power
High Swing
0.84
5.83
5.76
Low Swing
0.82
0.75
5.78
Output swing
VO
Mid power
V
(single-ended)
High Swing
0.82
5.83
5.78
Low Swing
0.83
0.77
5.77
Low power
High Swing
0.83
5.83
5.77
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA
(2)
For annotation brevity, “HP”=High Power, “MP”=Medium Power, “LP” =Low Power, “DIS”=Disabled or shut down, “SE”=Single Ended
Mode, “DM”=Differential Mode. See Table 1 in Applications section for power setting details. It is also assumed RG = RG1 = RG2
(3)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlations using the
Statistical Quality Control (SQC) method.
(4)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(5)
Drift Determined by dividing the change in parameter at temperature extremes by the total temperature change. Value is the worst case
of TaMIN to 25°C and 25°C to TaMAX.
(6)
At amplifier inputs.
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com