Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C2116FSC Datasheet(PDF) 16 Page - Zilog, Inc.

Part # Z86C2116FSC
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2116FSC Datasheet(HTML) 16 Page - Zilog, Inc.

Back Button Z86C2116FSC Datasheet HTML 12Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 13Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 14Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 15Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 16Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 17Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 18Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 19Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 20Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
\16
Z86C21 MCU
WITH
8K ROM
FUNCTIONAL DESCRIPTION (Continued)
Interrupts. The Z86C21 has six different interrupts from
eight different sources. The interrupts are maskable and
prioritized. The eight sources are divided as follow: four
sources are claimed by Port 3, lines P33-P30; one in Serial
Out, one in Serial In, and two in the counter/timers (Figure
16). The Interrupt Mask Register globally or individually
enables or disables the six interrupt requests. When more
than one interrupt is pending, priorities are resolved by a
programmable priority encoder that is controlled by the
Interrupt Priority register. (Refer to Table 4.)
All Z86C21 interrupts are vectored through locations in the
program memory. When an interrupt machine cycle is
activated, an interrupt request is granted. Thus, this dis-
ables all of the subsequent interrupts, save the Program
Counter and Status Flags, and then branches to the
program memory vector location reserved for that inter-
rupt. This memory location and the next byte contain the
16-bit address of the interrupt service routine for that
particular interrupt request.
To accommodate polled interrupt systems, interrupt in-
puts are masked and the Interrupt Request register is
polled to determine which of the interrupt requests need
service. Software initialed interrupts are supported by
setting the appropriate bit in the Interrupt Request Register
(IRQ).
Internal interrupt requests are sampled on the falling edge
of the last cycle of every instruction, and the interrupt
request must be valid 5TpC before the falling edge of the
last clock cycle of the currently executing instruction.
For the ROMless mode, when the device samples a valid
interrupt request, the next 48 (external) clock cycles are
used to prioritize the interrupt, and push the two PC bytes
and the FLAG register on the stack. The following nine
cycles are used to fetch the interrupt vector from external
memory. The first byte of the interrupt service routine is
fetched beginning on the 58th TpC cycle following the
internal sample point, which corresponds to the 63rd TpC
cycle following the external interrupt sample point.
IRQ
IMR
IPR
PRIORITY
LOGIC
6
Global
Interrupt
Enable
Vector Select
Interrupt
Request
IRQ0 - IRQ5
Figure 16. Interrupt Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com