Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C2116FSC Datasheet(PDF) 22 Page - Zilog, Inc.

Part # Z86C2116FSC
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2116FSC Datasheet(HTML) 22 Page - Zilog, Inc.

Back Button Z86C2116FSC Datasheet HTML 18Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 19Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 20Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 21Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 22Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 23Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 24Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 25Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 26Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
\22
Z86C21 MCU
WITH
8K ROM
AC CHARACTERISTICS
Additional Timing Diagram
Clock
1
3
4
8
2
2
3
TIN
IRQN
6
5
7
7
9
AC CHARACTERISTICS
Additional Timing Table
T
A = 0°C to +70°C
T
A = –40°C to +105°C
12 MHz
16 MHz
12 MHz
16 MHz
No
Sym
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Units
Notes
1
TpC
Input Clock Period
83
1000
62.5
1000
83
1000
62.5
1000
ns
[1]
2
TrC,TfC
Clock Input Rise & Fall Times
15
10
15
10
ns
[1]
3
TwC
Input Clock Width
35
25
35
25
ns
[1]
4
TwTinL
Timer Input Low Width
75
75
75
75
ns
[2]
5
TwTinH
Timer Input High Width
3TpC
3TpC
3TpC
3TpC
[2]
6
TpTin
Timer Input Period
8TpC
8TpC
8TpC
8TpC
[2]
7
TrTin,TfTin
Timer Input Rise & Fall Times
100
100
100
100
ns
[2]
8A
TwIL
Interrupt Request Input Low Times
70
70
70
50
ns
[2,4]
8B
TwIL
Interrupt Request Input Low Times
3TpC
3TpC
3TpC
3TpC
[2,5]
9
TwIH
Interrupt Request Input High Times
3TpC
3TpC
3TpC
3TpC
[2,3]
Figure 20. Additional Timing
Notes:
[1] Clock timing references use 3.8V for a logic 1 and 0.8V for a logic 0.
[2] Timing references use 2.0V for a logic 1 and 0.8V for a logic 0.
[3] Interrupt references request through Port 3.
[4] Interrupt request through Port 3 (P33-P31).
[5] Interrupt request through Port 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com