Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C2116FSC Datasheet(PDF) 30 Page - Zilog, Inc.

Part # Z86C2116FSC
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2116FSC Datasheet(HTML) 30 Page - Zilog, Inc.

Back Button Z86C2116FSC Datasheet HTML 26Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 27Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 28Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 29Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 30Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 31Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 32Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 33Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 34Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
\30
Z86C21 MCU
WITH
8K ROM
INSTRUCTION SUMMARY (Continued)
Address
Instruction
Mode
Opcode
Flags Affected
and Operation
dst src
Byte (Hex) C Z S V D H
ADC dst, src
†
1[ ]
TTTT 0 T
dst
←dst + src + C
ADD dst, src
†
0[ ]
TTTT 0 T
dst
←dst + src
AND dst, src
†
5[ ]
-
TT 0-
-
dst
←dst AND src
CALL dst
DA
D6
------
SP
←SP – 2
IRR
D4
@SP
←PC,
PC
←dst
CCF
EF
T -----
C
←NOT C
CLR dst
R
B0
------
dst
←0IR
B1
COM dst
R
60
-
TT 0-
-
dst
←NOT dst
IR
61
CP dst, src
†
A[ ]
TTTT --
dst – src
DA dst
R
40
TTT X-
-
dst
←DA dst
IR
41
DEC dst
R
00
-
TTT --
dst
←dst – 1
IR
01
DECW dst
RR
80
-
TTT --
dst
←dst – 1
IR
81
DI
8F
------
IMR(7)
←0
DJNZr, dst
RA
rA
------
r
←r – 1
r = 0 – F
if r
≠ 0
PC
←PC + dst
Range: +127,
–128
EI
9F
------
IMR(7)
←1
HALT
7F
------
Address
Instruction
Mode
Opcode
Flags Affected
and Operation
dst src
Byte (Hex) C Z S V D H
INC dst
r
rE
-
TTT --
dst
←dst + 1
r = 0 – F
R20
IR
21
INCW dst
RR
A0
-
TTT --
dst
←dst + 1
IR
A1
IRET
BF
TTTTTT
FLAGS
←@SP;
SP
←SP + 1
PC
←@SP;
SP
←SP + 2;
IMR(7)
←1
JP cc, dst
DA
cD
------
if cc is true
c = 0 – F
PC
←dst
IRR
30
JR cc, dst
RA
cB
------
if cc is true,
c = 0 – F
PC
←PC + dst
Range: +127,
–128
LD dst, src
r
Im
rC
------
dst
←src
r
R
r8
Rr
r9
r = 0 – F
rX
C7
Xr
D7
rIr
E3
Ir
r
F3
RR
E4
RIR
E5
RIM
E6
IR
IM
E7
IR
R
F5
LDC dst, src
r
Irr
C2
------
LDCI dst, src
Ir
Irr
C3
------
dst
←src
r
←r +1;
rr
←rr + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com