Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C2116FSC Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86C2116FSC
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2116FSC Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86C2116FSC Datasheet HTML 1Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 2Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 3Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 4Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 5Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 6Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 7Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 8Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
\4
Z86C21 MCU
WITH
8K ROM
PIN DESCRIPTION (Continued)
N/C
P24
P23
P22
P21
P20
P33
P34
P17
P16
P15
/RESET
R//W
/DS
/AS
P35
GND
P32
P00
P01
P02
R//RL
7
8
9
10
11
12
13
14
15
16
17
38
37
36
35
34
33
32
31
30
29
39
Z86C21
PLCC
6
5432
1
44 43 42 41 40
18 19 20 21 22 23 24 25 26 27 28
Table 2. 44-Pin PLCC Pin Identification
Pin #
Symbol
Function
Direction
14-16
P00-P02
Port 0, Pins 0,1,2
In/Output
17
R//RL
ROM/ROMless control
Input
18-22
P03-P07
Port 0, Pins 3,4,5,6,7
In/Output
23-27
P10-P14
Port 1, Pins 0,1,2,3,4
In/Output
28
N/C
Not Connected
Input
29-31
P15-P17
Port 1, Pins 5,6,7
In/Output
32
P34
Port 3, Pin 4
Output
33
P33
Port 3, Pin 3
Input
34-38
P20-P24
Port 2, Pins 0,1,2,3,4
In/Output
39
N/C
Not Connected
Input
40-42
P25-P27
Port 2, Pins 5,6,7
In/Output
43
P31
Port 3, Pin 1
Input
44
P36
Port 3, Pin 6
Output
Pin #
Symbol
Function
Direction
1V
CC
Power Supply
Input
2
XTAL2
Crystal, Oscillator Clock
Output
3
XTAL1
Crystal, Oscillator Clock
Input
4
P37
Port 3, Pin 7
Output
5
P30
Port 3, Pin 0
Input
6
N/C
Not Connected
Input
7
/RESET
Reset
Input
8
R//W
Read/Write
Output
9
/DS
Data Strobe
Output
10
/AS
Address Strobe
Output
11
P35
Port 3, Pin 5
Output
12
GND
Ground
Input
13
P32
Port 3, Pin 2
Input
Figure 3. 44-Pin PLCC Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com