Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C2116FSC Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z86C2116FSC
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C2116FSC Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z86C2116FSC Datasheet HTML 14Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 15Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 16Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 17Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 18Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 19Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 20Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 21Page - Zilog, Inc. Z86C2116FSC Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
\18
Z86C21 MCU
WITH
8K ROM
ABSOLUTE MAXIMUM RATINGS
Symbol Description
Min
Max
Units
V
CC
Supply Voltage*
–0.3
+7.0
V
T
STG
Storage Temp
–65
+150
°C
T
A
Oper Ambient Temp
†
°C
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational
sections of these specifications is not implied. Exposure to
absolute maximum rating conditions for an extended pe-
riod may affect device reliability.
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (Figure 18).
+5V
From Output
Under Test
9.1 k
Ω
2.1 K
Ω
150 pF
Notes:
* Voltages on all pins with respect to GND.
† See Ordering Information
Figure 18. Test Load Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com