Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L7208FSC Datasheet(PDF) 12 Page - Zilog, Inc.

Part # Z86L7208FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L7208FSC Datasheet(HTML) 12 Page - Zilog, Inc.

Back Button Z86L7208FSC Datasheet HTML 8Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 9Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 10Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 11Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 12Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 13Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 14Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 15Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 16Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
Z86C72/C92/L72/L92
IR Microcontroller
Zilog
6-12
P R E L I M I N A R Y
DS97LVO0900
DC CHARACTERISTICS (Z86C72/C92 SPECIFICATIONS) (Continued)
TA = 0°C to +70°C
Typ @
Sym
Parameter
VCC
Min
Max
25
°C
Units
Conditions
Notes
ICC1
Standby Current
(WDT Off)
4.5V
5.5V
4.5V
5.5V
6
8
5
7
2
5
1.0
3.0
mA
mA
mA
mA
HALT Mode
VIN = OV, VCC @
8.0 MHz
HALT Mode
VIN = OV, VCC
@ 8.0 MHz
Clock Divide-by-
16 @ 8.0 MHz
Clock Divide-by-
16 @ 8.0 MHz
1,2
1,2
1,2
1,2
ICC2
Standby Current
4.5V
5.5V
4.5V
5.5V
8
10
500
800
2
3
310
600
µA
µA
µA
µA
STOP Mode
VIN = OV, VCC
WDT is not
Running
STOP Mode
VIN = OV, VCC
WDT is not
Running
STOP Mode
VIN = OV, VCC
WDT is Running
3,5
3,5
3,5
TPOR
Power-On Reset
4.5V
5.5V
5.0
4.0
75
20
8.0
6.0
ms
ms
VRAM
Static RAM Data
Retention Voltage
Vram
0.8
0.5
V
6
VLV
(VBO)
VCC Low Voltage
Protection
2.15
1.7
V
8 MHz max
Ext. CLK Freq.
4
Notes:
ICC1
Crystal/Resonator
External Clock Drive
Typ
3.5 mA
0.8 mA
Max
5
5
Unit
mA
mA
Frequency
8.0 MHz
8.0 MHz
1. All outputs unloaded, inputs at rail
2. CL1 = CL2 = 100 pF
3. Same as note [4] except inputs at V CC
4. The VLV increases as the temperature decreases
5. Oscillator stopped
6. Oscillator stops when VCC falls below VLV limit
7. 32 kHz clock driver input
* All Outputs excluding P00, P01, P36, and P37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com