Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L7208FSC Datasheet(PDF) 31 Page - Zilog, Inc.

Part # Z86L7208FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L7208FSC Datasheet(HTML) 31 Page - Zilog, Inc.

Back Button Z86L7208FSC Datasheet HTML 27Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 28Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 29Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 30Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 31Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 32Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 33Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 34Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 35Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
Z86C72/C92/L72/L92
Zilog
IR Microcontroller
DS97LVO0900
P R E L I M I N A R Y
6-31
1
External Memory (/DM). The Z86L72 addresses up to
48K bytes (minus Extended Data RAM space) of external
memory beginning at address 16384 (Figure 18). External
data memory is included with, or separated from, the ex-
ternal program memory space. /DM, an optional I/O func-
tion that is programmed to appear on P34, is used to dis-
tinguish between data and program memory space. The
state of the /DM signal is controlled by the type of instruc-
tion being executed. An LDC opcode references PRO-
GRAM (/DM inactive) memory, and an LDE instruction ref-
erences data (/DM active Low) memory.
Expanded Register File. The register file has been ex-
panded to allow for additional system control registers,
and for mapping of additional peripheral devices into the
register address area. The Z8 register address space R0
through R15 has been implemented as 16 groups of 16
registers per group. These register groups are known as
the ERF (Expanded Register File). Bits 7-4 of register RP
select the working register group. Bits 3-0 of register RP
select the expanded register file bank. Note that expanded
register bank is
also referred to as expanded register
group (Figure 19).
The upper nibble of the register pointer (Figure 21) selects
which working register group of 16 bytes in the register file,
out of the possible 256, will be accessed. The lower nibble
selects the expanded register file bank and, in the case of
the Z86L/CX2 family, banks 0, F, and D are implemented.
A 0H in the lower nibble will allow the normal register file
(bank 0) to be addressed, but any other value from 1H to
FH will exchange the lower 16 registers to an expanded
register bank (See Figure 19).
For example:
R253 RP = 00H
R0 = Port 0
R1 = Port 1
R2 = Port 2
R3 = Port 3
But if:
R253 RP = 0DH
R0 = CTRL0
R1 = CTRL1
R2 = CTRL2
R3 = Reserved
The counter/timers are mapped into ERF group D. Access
is easily done using the following example:
LD
RP, #0DH Select ERF D for access to bank D( work-
ing register group 0)
LD
R0,#xx
Load CTRL0
LD
R1, #xx
Load CTRL1
LD
R1, 2
CTRL2
→ CTRL1
LD
RP, #7DH
Select expanded register bank D and
working register group 7 of bank 0 for access .
LD
71H, R2
CTRL2
→ register 71H
LD
R1, R2
CTRL2
→ register 71H
Figure 18. Data Memory Map
65535
0
External
Data
Memory
16,384
Not Addressable
Z86L72
and
Z86E72
versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com