Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L7208FSC Datasheet(PDF) 51 Page - Zilog, Inc.

Part # Z86L7208FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L7208FSC Datasheet(HTML) 51 Page - Zilog, Inc.

Back Button Z86L7208FSC Datasheet HTML 47Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 48Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 49Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 50Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 51Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 52Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 53Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 54Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 55Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
Z86C72/C92/L72/L92
Zilog
IR Microcontroller
DS97LVO0900
P R E L I M I N A R Y
6-51
1
Power-On Reset (POR). A timer circuit clocked by a ded-
icated on-board RC oscillator is used for the Power-On Re-
set (POR) timer function. The POR time allows VCC and
the oscillator circuit to stabilize before instruction execu-
tion begins.
The POR timer circuit is a one-shot timer triggered by one
of three conditions:
1.
Power Fail to Power OK status.
2.
Stop-Mode Recovery (if D5 of SMR = 1).
3.
WDT Time-Out.
The POR time is a nominal 5 ms. Bit 5 of the Stop-Mode
Register determines whether the POR timer is bypassed
after Stop-Mode Recovery (typical for external clock, RC,
LC oscillators).
HALT. HALT turns off the internal CPU clock, but not the
XTAL oscillation. The counter/timers and external inter-
rupts IRQ0, IRQ1, IRQ2, IRQ3, and IRQ4 remain active.
The devices are recovered by interrupts, either externally
or internally generated. An interrupt request must be exe-
cuted (enabled) to exit HALT mode. After the interrupt ser-
vice routine, the program continues from the instruction af-
ter the HALT.
STOP. This instruction turns off the internal clock and ex-
ternal crystal oscillation and reduces the standby current
to 10
µA (typical) or less. STOP mode is terminated only
by a reset, such as WDT time-out, POR, SMR, or external
reset. This causes the processor to restart the application
program at address 000CH. In order to enter STOP (or
HALT) mode, it is necessary to first flush the instruction
pipeline to avoid suspending execution in mid-instruction.
To do this, the user must execute a NOP (opcode = FFH)
immediately before the appropriate sleep instruction, i.e.,
FF
NOP
; clear the pipeline
6F
STOP
; enter STOP mode
or
FF
NOP
; clear the pipeline
7F
HALT
; enter HALT mode
Figure 36. Oscillator Configuration
XTAL1
XTAL2
C1
C2
C1
C2
C1
XTAL1
XTAL2
XTAL1
XTAL2
XTAL1
XTAL2
Ceramic Resonator or Crystal
C1, C2 = 47 pF TYP *
f = 8 MHz
LC
C1, C2 = 22 pF
L = 130
µH *
f = 3 MHz *
RC
@ 3V VCC (TYP)
C1 = 33 pF *
R = 1K *
External Clock
L
R
* Preliminary value including pin parasitics
C1
32 kHz XTAL
C1 = 20 pF, C = 33 pF
Rd = 56 - 470K
Rf =10 M
Rf
C2
Rd
XTAL1
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com