Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L7208FSC Datasheet(PDF) 24 Page - Zilog, Inc.

Part # Z86L7208FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L7208FSC Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button Z86L7208FSC Datasheet HTML 20Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 21Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 22Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 23Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 24Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 25Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 26Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 27Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
Z86C72/C92/L72/L92
IR Microcontroller
Zilog
6-24
P R E L I M I N A R Y
DS97LVO0900
PIN FUNCTIONS (Continued)
Port 1 (P17-P10). Port 1 is a multiplexed Address (A7-A0)
and Data (D7-D0), CMOS compatible port. Port 1 is dedi-
cated to the Zilog ZBus®-compatible memory interface.
The operations of Port 1 are supported by the Address
Strobe (/AS) and Data Strobe (/DS) lines, and by the
Read/Write (R//W) and Data Memory (/DM) control lines.
Data memory read/write operations are done through this
port (Figure 12). If more than 256 external locations are re-
quired, Port 0 outputs the additional lines.
Port 1 can be placed in the high-impedance state along
with Port 0, /AS, /DS, and R//W, allowing the Z86L/CX2 to
share common resources in multiprocessor and DMA ap-
plications. Port1 can also be configured for standard port
output mode.
Figure 12. Port 1 Configuration
Port 1
(I/O or AD7 - AD0)
Optional
Handshake Controls
/DAV1 and RDY1
(P33 and P34)
Z86LXX
MCU
8
OEN
Out
In
PAD
Auto Latch
R
≈ 500 KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com