Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86L7208FSC Datasheet(PDF) 60 Page - Zilog, Inc.

Part # Z86L7208FSC
Description  IR MICROCONTROLLER
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L7208FSC Datasheet(HTML) 60 Page - Zilog, Inc.

Back Button Z86L7208FSC Datasheet HTML 56Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 57Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 58Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 59Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 60Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 61Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 62Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 63Page - Zilog, Inc. Z86L7208FSC Datasheet HTML 64Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
Z86C72/C92/L72/L92
IR Microcontroller
Zilog
6-60
P R E L I M I N A R Y
DS97LVO0900
FUNCTIONAL DESCRIPTION (Continued)
Mask Selectable Options. There are six Mask Selectable
Options to choose from based on ROM code require-
ments. (See Table 7).
Low Voltage Detection/Standby. An on-chip Voltage
Comparator checks that the VCC is at the required level for
correct operation of the device. Reset is globally driven
when VCC falls below VLV (Vrf1). A small further drop in
VCC causes the XTAL1 and XTAL2 circuitry to stop the
crystal or resonator clock. Typical Low-Voltage power con-
sumption in this Low Voltage Standby mode (ILV) is about
45
µA (varying with the number of Mask selectable options
enabled). If the VCC is allowed to stay above VRAM, the
RAM content is preserved. When the power level is re-
turned to above VLV, the device will perform a POR and
function normally (Figure 45).
The minimum operating voltage varies with the tempera-
ture and operating frequency, while VLV varies with tem-
perature only.
The Low Voltage trip voltage (VLV) is less than 2.1V under
the following conditions:
Maximum (VLV) Conditions:
TA = 0°C, +55°C Internal clock frequency equal to or less
than 4.0 MHz
Note: The internal clock frequency is one-half the external
clock frequency.
Table 7. Mask Selectable Options
Option
Function
Permanent Watch-Dog
Timer
On/WDT command invoked
RAM Protect
On/Off
RC/Other
RC/XTAL
32 kHz XTAL
On/Off
Port 04-07 Pull-ups
On/Off
Port 00-03 Pull-ups
On/Off
Port 31-33 Pull-ups
On/Off
Port 20-27 Pull-ups
On/Off
Port 3 Mouse Mode 0.4 VDD
Trip
On/Off
Figure 44. Typical Z86L/CX2 Low Voltage vs
Temperature at 8 MHz
0
15
25
35
45
55
1.8
1.6
1.4
1.2
1
1.8
0.6
0.4
0.2
0
VLV
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com