Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8708H Datasheet(PDF) 8 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 4Page - Zilog, Inc. L8708H Datasheet HTML 5Page - Zilog, Inc. L8708H Datasheet HTML 6Page - Zilog, Inc. L8708H Datasheet HTML 7Page - Zilog, Inc. L8708H Datasheet HTML 8Page - Zilog, Inc. L8708H Datasheet HTML 9Page - Zilog, Inc. L8708H Datasheet HTML 10Page - Zilog, Inc. L8708H Datasheet HTML 11Page - Zilog, Inc. L8708H Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
8
P R E L I M I N A R Y
DS96LV00800
PIN DESCRIPTION (Continued)
Table 2. Pin Identification
28-Pin
DIP & SOIC
Symbol
Direction
Description
19
P00
Input/Output
Port 0 is Nibble Programmable
20
P01
Input/Output
Port 0 can be configured as
21
P02
Input/Output
A15-A8 external program
23
P03
Input/Output
ROM Address Bus.
4
P04
Input/Output
5
P05
Input/Output
Port 0 can be configured as a
mouse/trackball input.
6
P06
Input/Output
7
P07
Input/Output
24
P20
Input/Output
Port 2 pins are individually
25
P21
Input/Output
configurable as input or output.
26
P22
Input/Output
27
P23
Input/Output
28
P24
Input/Output
1
P25
Input/Output
2
P26
Input/Output
3
P27
Input/Output
18
Pref1
Input
Analog Ref Input
11
P31
Input
IRQ2/Modulator input
12
P32
Input
IRQ0
13
P33
Input
IRQ1
14
P34
Output
T8 output
15
P35
Output
T16 output
17
P36
Output
T8/T16 output
16
P37
Output
10
XTAL1
Input
Crystal, Oscillator Clock
9
XTAL2
Output
Crystal, Oscillator Clock
8VDD
Power Supply
22
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com