Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8708H Datasheet(PDF) 13 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 9Page - Zilog, Inc. L8708H Datasheet HTML 10Page - Zilog, Inc. L8708H Datasheet HTML 11Page - Zilog, Inc. L8708H Datasheet HTML 12Page - Zilog, Inc. L8708H Datasheet HTML 13Page - Zilog, Inc. L8708H Datasheet HTML 14Page - Zilog, Inc. L8708H Datasheet HTML 15Page - Zilog, Inc. L8708H Datasheet HTML 16Page - Zilog, Inc. L8708H Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
DS96LV00800
P R E L I M I N A R Y
13
1
AC CHARACTERISTICS
Preliminary
External I/O or Memory Read and Write Timing Table
TA = 0°C to +70°C
8.0MHz
No
Symbol
Parameter
VCC
Min
Max
Units
Notes
1
TdA(AS)
Address Valid to
/AS Rising Delay
2.0V
3.9V
55
55
ns
ns
2
2
TdAS(A)
/AS Rising to Address
Float Delay
2.0V
3.9V
70
70
ns
ns
2
2
3
TdAS(DR)
/AS Rising to Read
Data Required Valid
2.0V
3.9V
400
400
ns
ns
1,2
4
TwAS
/AS Low Width
2.0V
3.9V
80
80
ns
ns
2
5
Td
Address Float to
/DS Falling
2.0V
3.9V
0
0
ns
ns
6
TwDSR
/DS (Read) Low Width
2.0V
3.9V
300
300
ns
ns
1,2
7
TwDSW
/DS (Write) Low Width
2.0V
3.9V
165
165
ns
ns
1,2
8
TdDSR(DR)
/DS Falling to Read
Data Required Valid
2.0V
3.9V
260
260
ns
ns
1,2
9
ThDR(DS)
Read Data to /DS Rising
Hold Time
2.0V
3.9V
0
0
ns
ns
2
10
TdDS(A)
/DS Rising to Address
Active Delay
2.0V
3.9V
85
95
ns
ns
2
11
TdDS(AS)
/DS Rising to /AS
Falling Delay
2.0V
3.9V
60
70
ns
ns
2
12
TdR/W(AS)
R//W Valid to /AS
Rising Delay
2.0V
3.9V
70
70
ns
ns
2
13
TdDS(R/W)
/DS Rising to
R//W Not Valid
2.0V
3.9V
70
70
ns
ns
2
14
TdDW(DSW)
Write Data Valid to /DS
Falling (Write) Delay
2.0V
3.9V
80
80
ns
ns
2
15
TdDS(DW)
/DS Rising to Write
Data Not Valid Delay
2.0V
3.9V
70
80
ns
ns
2
16
TdA(DR)
Address Valid to Read
Data Required Valid
2.0V
3.9V
475
475
ns
ns
1,2
17
TdAS(DS)
/AS Rising to
/DS Falling Delay
2.0V
3.9V
100
100
ns
ns
2
18
TdDM(AS)
/DM Valid to /AS
Falling Delay
2.0V
3.9V
55
55
ns
ns
2
19
TdDS(DM)
/DS Rise to
/DM Valid Delay
2.0V
3.9V
70
70
ns
ns
20
ThDS(A)
/DS Rise to Address
Valid Hold Time
2.0V
3.9V
70
70
ns
Notes:
1. When using extended memory timing add 2 TpC.
2. Timing numbers given are for minimum TpC.
Standard Test Load
All timing references use 0.9 VCC for a logic 1 and 0.1 VCC for a logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com