Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8708H Datasheet(PDF) 60 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 60 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 56Page - Zilog, Inc. L8708H Datasheet HTML 57Page - Zilog, Inc. L8708H Datasheet HTML 58Page - Zilog, Inc. L8708H Datasheet HTML 59Page - Zilog, Inc. L8708H Datasheet HTML 60Page - Zilog, Inc. L8708H Datasheet HTML 61Page - Zilog, Inc. L8708H Datasheet HTML 62Page - Zilog, Inc. L8708H Datasheet HTML 63Page - Zilog, Inc. L8708H Datasheet HTML 64Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
60
P R E L I M I N A R Y
DS96LV00800
Figure 51. Watch-Dog Timer Register
((0F) 0FH: Write Only)
D7
D6
D5
D4
D3
D2
D1
D0
WDTMR (0F) 0F
WDT TAP
INT RC OSC External Clock
00
5 ms
256 TpC
01
10 ms
512 TpC
10
20 ms
1024 TpC
11
80 ms
4096 TpC
WDT During HALT
0 OFF
1 ON
WDT During STOP
0 OFF
1 ON
XTAL1/INT RC Select for WDT
0 On-Board RC
1 XTAL
Reserved (Must be 0)
* Default Setting After Reset
*
*
*
*
Figure 52. Port Configuration Register (PCON)
((0F) 0H: Write Only)
Reserved (Must be 1)
D7
D6
D5
D4 D3
D2
D1
D0
PCON (FH) 00H
Comparator Output Port 3
0 P34, P37 Standard Output*
1 P34, P37 Comparator Output
* Default Setting After Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com