Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8708H Datasheet(PDF) 34 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 34 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 30Page - Zilog, Inc. L8708H Datasheet HTML 31Page - Zilog, Inc. L8708H Datasheet HTML 32Page - Zilog, Inc. L8708H Datasheet HTML 33Page - Zilog, Inc. L8708H Datasheet HTML 34Page - Zilog, Inc. L8708H Datasheet HTML 35Page - Zilog, Inc. L8708H Datasheet HTML 36Page - Zilog, Inc. L8708H Datasheet HTML 37Page - Zilog, Inc. L8708H Datasheet HTML 38Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
34
P R E L I M I N A R Y
DS96LV00800
CTR2 (D)%02: Counter/Timer16 Control Register.
CTR2 Description
T16_Enable. This field enables T16 when set to 1.
Single/Modulo-N. In Transmit Mode, when set to 0, the
counter reloads the initial value when terminal count is
reached. When set to 1, the counter stops when the termi-
nal count is reached.
In Demodulation Mode, when set to 0 , T16 captures and
reloads on detection of all the edges; when set to 1, T16
captures and detects on the first edge, but ignores the sub-
sequent edges. For details, see the description of T16 De-
modulation Mode.
Time_Out. This bit is set when T16 times out (terminal
count reached). In order to reset it, a 1 should be written to
this location.
T16_Clock. Defines the frequency of the input signal to
Counter/Timer16.
Capture_INT_Mask. Set this bit to allow interrupt when
data is captured into LO16 and HI16.
Counter_INT_Mask. Set this bit to allow interrupt when
T16 times out.
P35_Out. This bit defines whether P35 is used as a normal
output pin or T16 output.
Field
Bit Position
Value
Description
T16_Enable
7-------
R
W
0*
1
0
1
Counter Disabled
Counter Enabled
Stop Counter
Enable Counter
Single/Modulo-N
-6------
R/W
0
1
0
1
Transmit Mode
Modulo-N
Single Pass
Demodulation Mode
T16 Recognizes Edge
T16 Does Not Recognize Edge
Time_Out
--5-----
R
W
0
1
0
1
No Counter Time-Out
Counter Time-Out Occurred
No Effect
Reset Flag to 0
T16 _Clock
---43---
R/W
00
01
10
11
SCLK
SCLK/2
SCLK/4
SCLK/8
Capture_INT_Mask
-----2--
R/W
0
1
Disable Data Capture Int.
Enable Data Capture Int.
Counter_INT_Mask
------1-
R/W
0
Disable Time-Out Int.
Enable Time-Out Int.
P35_Out
-------0
R/W
0*
1
P35 as Port Output
T16 Output on P35
Note: * Indicates the value upon Power-On Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com