Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8708H Datasheet(PDF) 29 Page - Zilog, Inc.

Part # L8708H
Description  IR/Low-Voltage Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

L8708H Datasheet(HTML) 29 Page - Zilog, Inc.

Back Button L8708H Datasheet HTML 25Page - Zilog, Inc. L8708H Datasheet HTML 26Page - Zilog, Inc. L8708H Datasheet HTML 27Page - Zilog, Inc. L8708H Datasheet HTML 28Page - Zilog, Inc. L8708H Datasheet HTML 29Page - Zilog, Inc. L8708H Datasheet HTML 30Page - Zilog, Inc. L8708H Datasheet HTML 31Page - Zilog, Inc. L8708H Datasheet HTML 32Page - Zilog, Inc. L8708H Datasheet HTML 33Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
DS96LV00800
P R E L I M I N A R Y
29
1
Register File. The register file (bank 0) consists of four I/O
port registers, 236 general-purpose registers, and 16 con-
trol and status registers (R0-R3, R4-R239, and R240-
R255, respectively), Plus two expanded registers groups
(Banks D and F). Instructions can access registers directly
or indirectly through an 8-bit address field. This allows a
short, 4-bit register address using the Register Pointer
(Figure 23). In the 4-bit mode, the register file is divided
into 16 working register groups, each occupying 16 contin-
uous locations. The Register Pointer addresses the start-
ing location of the active working register group.
Note: Working register group E0-EF can only be access-
ed through working registers and indirect addressing
modes.
Stack. The Z86LXX external data memory or the internal
register file is used for the stack. An 8-bit Stack Pointer
(R255) is used for the internal stack that resides in the gen-
eral-purpose registers (R4-R239). SPH is used as a gen-
eral-purpose register only when using internal stacks.
Note: When SPH is used as a general-purpose register
and Port 0 is in address mode, the contents of SPH will be
loaded into Port 0 whenever the internal stack is accessed.
COUNTER/TIMER REGISTER DESCRIPTION
Register Description
HI8(D)%0B: Holds the captured data from the output of the
8-bit Counter/Timer0. This register is typically used to hold
the number of counts when the input signal is 1.
L08(D)%0A: Holds the captured data from the output of
the 8-bit Counter/Timer0. This register is typically used to
hold the number of counts when the input signal is 0.
Figure 22. Register Pointer Register
D7
D6 D5
D4 D3
D2
D1
D0
Expanded Register
File Pointer
Working Register
Pointer
R253 RP
Default Setting After Reset = 0000 0000
Figure 23. Register Pointer
The upper nibble of the register file address
provided by the register pointer specifies
the active working-register group
r
7
r
6
r
5
r
4
R253
I/O Ports
Specified Working
Register Group
The lower nibble
of the register
file address
provided by the
instruction points
to the specified
register
r
3
r
2
r
1
r
0
Register Group 0
7F
Register Group 1
6F
5F
4F
3F
2F
1F
0F
00
10
20
30
40
50
60
70
R15 to R0
R15 to R4 *
R3 to R0 *
Table 4. Expanded Register Group D
(D)%0C
Reserved
(D)%0B
HI8
(D)%0A
LO8
(D)%09
HI16
(D)%08
LO16
(D)%07
TC16H
(D)%06
TC16L
(D)%05
TC8H
(D)%04
TC8L
(D)%03
Reserved
(D)%02
CTR2
(D)%01
CTR1
(D)%00
CTR0
Field
Bit Position
Description
T8_Capture_HI
76543210
R
W
Captured Data
No Effect
Field
Bit Position
Description
T8_Capture_L0
76543210
R
W
Captured Data
No Effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com