Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 101 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 97Page - ATMEL Corporation ATMEGA16 Datasheet HTML 98Page - ATMEL Corporation ATMEGA16 Datasheet HTML 99Page - ATMEL Corporation ATMEGA16 Datasheet HTML 100Page - ATMEL Corporation ATMEGA16 Datasheet HTML 101Page - ATMEL Corporation ATMEGA16 Datasheet HTML 102Page - ATMEL Corporation ATMEGA16 Datasheet HTML 103Page - ATMEL Corporation ATMEGA16 Datasheet HTML 104Page - ATMEL Corporation ATMEGA16 Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 315 page
background image
101
ATmega16(L)
2466E–AVR–10/02
Figure 48. Phase and Frequency Correct PWM Mode, Timing Diagram
The Timer/Counter Overflow Flag (TOV1) is set at the same timer clock cycle as the
OCR1x registers are updated with the double buffer value (at BOTTOM). When either
OCR1A or ICR1 is used for defining the TOP value, the OC1A or ICF1 flag set when
TCNT1 has reached TOP. The interrupt flags can then be used to generate an interrupt
each time the counter reaches the TOP or BOTTOM value.
When changing the TOP value the program must ensure that the new TOP value is
higher or equal to the value of all of the compare registers. If the TOP value is lower
than any of the compare registers, a compare match will never occur between the
TCNT1 and the OCR1x.
As Figure 48 shows the output generated is, in contrast to the phase correct mode, sym-
metrical in all periods. Since the OCR1x Registers are updated at BOTTOM, the length
of the rising and the falling slopes will always be equal. This gives symmetrical output
pulses and is therefore frequency correct.
Using the ICR1 Register for defining TOP works well when using fixed TOP values. By
using ICR1, the OCR1A Register is free to be used for generating a PWM output on
OC1A. However, if the base PWM frequency is actively changed by changing the TOP
value, using the OCR1A as TOP is clearly a better choice due to its double buffer
feature.
In phase and frequency correct PWM mode, the compare units allow generation of
PWM waveforms on the OC1x pins. Setting the COM1x1:0 bits to 2 will produce a non-
inverted PWM and an inverted PWM output can be generated by setting the COM1x1:0
to 3 (See Table on page 105). The actual OC1x value will only be visible on the port pin
if the data direction for the port pin is set as output (DDR_OC1x). The PWM waveform is
generated by setting (or clearing) the OC1x Register at the compare match between
OCR1x and TCNT1 when the counter increments, and clearing (or setting) the OC1x
Register at compare match between OCR1x and TCNT1 when the counter decrements.
The PWM frequency for the output when using phase and frequency correct PWM can
be calculated by the following equation:
The N variable represents the prescaler divider (1, 8, 64, 256, or 1024).
OCRnx / TOP Update
and
TOVn Interrupt Flag Set
(Interrupt on Bottom)
OCnA Interrupt Flag Set
or ICFn Interrupt Flag Set
(Interrupt on TOP)
1
2
3
4
TCNTn
Period
OCnx
OCnx
(COMnx1:0 = 2)
(COMnx1:0 = 3)
f
OCn xPFC PWM
f
clk_I/O
2 NTOP
⋅⋅
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com