Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 102 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 98Page - ATMEL Corporation ATMEGA16 Datasheet HTML 99Page - ATMEL Corporation ATMEGA16 Datasheet HTML 100Page - ATMEL Corporation ATMEGA16 Datasheet HTML 101Page - ATMEL Corporation ATMEGA16 Datasheet HTML 102Page - ATMEL Corporation ATMEGA16 Datasheet HTML 103Page - ATMEL Corporation ATMEGA16 Datasheet HTML 104Page - ATMEL Corporation ATMEGA16 Datasheet HTML 105Page - ATMEL Corporation ATMEGA16 Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 315 page
background image
102
ATmega16(L)
2466E–AVR–10/02
The extreme values for the OCR1x Register represents special cases when generating
a PWM waveform output in the phase correct PWM mode. If the OCR1x is set equal to
BOTTOM the output will be continuously low and if set equal to TOP the output will be
set to high for non-inverted PWM mode. For inverted PWM the output will have the
opposite logic values. If OCR1A is used to define the TOP value (WGM13:0 = 9) and
COM1A1:0 = 1, the OC1A output will toggle with a 50% duty cycle.
Timer/Counter Timing
Diagrams
The Timer/Counter is a synchronous design and the timer clock (clk
T1) is therefore
shown as a clock enable signal in the following figures. The figures include information
on when interrupt flags are set, and when the OCR1x Register is updated with the
OCR1x buffer value (only for modes utilizing double buffering). Figure 49 shows a timing
diagram for the setting of OCF1x.
Figure 49. Timer/Counter Timing Diagram, Setting of OCF1x, No Prescaling
Figure 50 shows the same timing data, but with the prescaler enabled.
Figure 50. Timer/Counter Timing Diagram, Setting of OCF1x, with Prescaler (f
clk_I/O/8)
clk
Tn
(clk
I/O/1)
OCFnx
clk
I/O
OCRnx
TCNTn
OCRnx Value
OCRnx - 1
OCRnx
OCRnx + 1
OCRnx + 2
OCFnx
OCRnx
TCNTn
OCRnx Value
OCRnx - 1
OCRnx
OCRnx + 1
OCRnx + 2
clk
I/O
clk
Tn
(clk
I/O/8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com