Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 106 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 102Page - ATMEL Corporation ATMEGA16 Datasheet HTML 103Page - ATMEL Corporation ATMEGA16 Datasheet HTML 104Page - ATMEL Corporation ATMEGA16 Datasheet HTML 105Page - ATMEL Corporation ATMEGA16 Datasheet HTML 106Page - ATMEL Corporation ATMEGA16 Datasheet HTML 107Page - ATMEL Corporation ATMEGA16 Datasheet HTML 108Page - ATMEL Corporation ATMEGA16 Datasheet HTML 109Page - ATMEL Corporation ATMEGA16 Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 315 page
background image
106
ATmega16(L)
2466E–AVR–10/02
A FOC1A/FOC1B strobe will not generate any interrupt nor will it clear the timer in Clear
Timer on Compare match (CTC) mode using OCR1A as TOP.
The FOC1A/FOC1B bits are always read as zero.
• Bit 1:0 – WGM11:0: Waveform Generation Mode
Combined with the WGM13:2 bits found in the TCCR1B Register, these bits control the
counting sequence of the counter, the source for maximum (TOP) counter value, and
what type of waveform generation to be used, see Table 47. Modes of operation sup-
ported by the Timer/Counter unit are: Normal mode (counter), Clear Timer on Compare
match (CTC) mode, and three types of Pulse Width Modulation (PWM) modes. (See
“Modes of Operation” on page 94.)
Note:
1. The CTC1 and PWM11:0 bit definition names are obsolete. Use the
WGM12:0 definitions. However, the functionality and
location of these bits are compatible with previous versions of the timer.
Table 47. Waveform Generation Mode Bit Description
(1)
Mode
WGM13
WGM12
(CTC1)
WGM11
(PWM11)
WGM10
(PWM10)
Timer/Counter Mode of Operation
TOP
Update of
OCR1
x
TOV1 Flag Set
on
00
0
0
0
Normal
0xFFFF
Immediate
MAX
10
0
0
1
PWM, Phase Correct, 8-bit
0x00FF
TOP
BOTTOM
20
0
1
0
PWM, Phase Correct, 9-bit
0x01FF
TOP
BOTTOM
30
0
1
1
PWM, Phase Correct, 10-bit
0x03FF
TOP
BOTTOM
40
1
0
0
CTC
OCR1A
Immediate
MAX
50
1
0
1
Fast PWM, 8-bit
0x00FF
TOP
TOP
60
1
1
0
Fast PWM, 9-bit
0x01FF
TOP
TOP
70
1
1
1
Fast PWM, 10-bit
0x03FF
TOP
TOP
81
0
0
0
PWM, Phase and Frequency Correct
ICR1
BOTTOM
BOTTOM
91
0
0
1
PWM, Phase and Frequency Correct
OCR1A
BOTTOM
BOTTOM
10
1
0
1
0
PWM, Phase Correct
ICR1
TOP
BOTTOM
11
1
0
1
1
PWM, Phase Correct
OCR1A
TOP
BOTTOM
12
1
1
0
0
CTC
ICR1
Immediate
MAX
13
1
1
0
1
Reserved
–
–
–
14
1
1
1
0
Fast PWM
ICR1
TOP
TOP
15
1
1
1
1
Fast PWM
OCR1A
TOP
TOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com