Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 291 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 291 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 287Page - ATMEL Corporation ATMEGA16 Datasheet HTML 288Page - ATMEL Corporation ATMEGA16 Datasheet HTML 289Page - ATMEL Corporation ATMEGA16 Datasheet HTML 290Page - ATMEL Corporation ATMEGA16 Datasheet HTML 291Page - ATMEL Corporation ATMEGA16 Datasheet HTML 292Page - ATMEL Corporation ATMEGA16 Datasheet HTML 293Page - ATMEL Corporation ATMEGA16 Datasheet HTML 294Page - ATMEL Corporation ATMEGA16 Datasheet HTML 295Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 315 page
background image
291
ATmega16(L)
2466E–AVR–10/02
ADC Characteristics – Preliminary Data
Table 121. ADC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Resolution
Single Ended Conversion
10
Bits
Differential Conversion
Gain = 1x or 20x
8Bits
Differential Conversion
Gain = 200x
7Bits
Absolute Accuracy (Including INL, DNL,
Quantization Error, Gain, and Offset Error).
Single Ended Conversion
V
REF = 4V, VCC = 4V
ADC clock = 200 kHz
1.5
2.5
LSB
Single Ended Conversion
V
REF = 4V, VCC = 4V
ADC clock = 1 MHz
34
LSB
Single Ended Conversion
V
REF = 4V, VCC = 4V
ADC clock = 200 kHz
Noise Reduction mode
1.5
LSB
Single Ended Conversion
V
REF = 4V, VCC = 4V
ADC clock = 1 MHz
Noise Reduction mode
3LSB
Integral Non-linearity (INL)
Single Ended Conversion
VREF = 4V, VCC = 4V
ADC clock = 200 kHz
1LSB
Differential Non-linearity (DNL)
Single Ended Conversion
VREF = 4V, VCC = 4V
ADC clock = 200 kHz
0.5
LSB
Gain Error
Single Ended Conversion
VREF = 4V, VCC = 4V
ADC clock = 200 kHz
1LSB
Offset Error
Single Ended Conversion
VREF = 4V, VCC = 4V
ADC clock = 200 kHz
LSB
Conversion Time
Free Running Conversion
13
260
µs
Clock Frequency
0.05
1
MHz
AVCC
Analog Supply Voltage
V
CC - 0.3
(1)
V
CC + 0.3
(2)
V
VREF
Reference Voltage
Single Ended Conversion
2.0
AVCC
V
Differential Conversion
2.0
AVCC
- 0.2
V
V
IN
Input voltage
Single ended channels
GND
VREF
V
Differential channels
0
VREF
V
Input bandwidth
Single ended channels
38.5
kHz
Differential channels
4
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com