Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 287 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 287 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 283Page - ATMEL Corporation ATMEGA16 Datasheet HTML 284Page - ATMEL Corporation ATMEGA16 Datasheet HTML 285Page - ATMEL Corporation ATMEGA16 Datasheet HTML 286Page - ATMEL Corporation ATMEGA16 Datasheet HTML 287Page - ATMEL Corporation ATMEGA16 Datasheet HTML 288Page - ATMEL Corporation ATMEGA16 Datasheet HTML 289Page - ATMEL Corporation ATMEGA16 Datasheet HTML 290Page - ATMEL Corporation ATMEGA16 Datasheet HTML 291Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 315 page
background image
287
ATmega16(L)
2466E–AVR–10/02
4] The sum of all IOH, for ports B3 - B7, XTAL2, D0 - D2, should not exceed 200 mA.
5] The sum of all IOH, for ports D3 - D7, should not exceed 200 mA.
6] The sum of all IOH, for ports C0 - C7, should not exceed 200 mA.If IOH exceeds the test condition, VOH may exceed the
related specification. Pins are not guaranteed to source current greater than the listed test condition.
5. Minimum VCC for Power-down is 2.5V.
External Clock Drive
Waveforms
Figure 144. External Clock Drive Waveforms
External Clock Drive
Notes:
1. R should be in the range 3 k
Ω - 100 kΩ, and C should be at least 20 pF.
2. The frequency will vary with package type and board layout.
VIL1
VIH1
Table 117. External Clock Drive
Symbol
Parameter
VCC = 2.7V to 5.5VVCC = 4.5V to 5.5V
Units
Min
Max
Min
Max
1/tCLCL
Oscillator Frequency
0
8
0
16
MHz
tCLCL
Clock Period
125
62.5
ns
tCHCX
High Time
50
25
ns
tCLCX
Low Time
50
25
ns
tCLCH
Rise Time
1.6
0.5
µs
tCHCL
Fall Time
1.6
0.5
µs
Table 118. External RC Oscillator, Typical Frequencies (V
CC = 5)
R [k
Ω](1)
C [pF]
f
(2)
100
47
87 kHz
33
22
650 kHz
10
22
2.0 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com