Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 284 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 284 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 280Page - ATMEL Corporation ATMEGA16 Datasheet HTML 281Page - ATMEL Corporation ATMEGA16 Datasheet HTML 282Page - ATMEL Corporation ATMEGA16 Datasheet HTML 283Page - ATMEL Corporation ATMEGA16 Datasheet HTML 284Page - ATMEL Corporation ATMEGA16 Datasheet HTML 285Page - ATMEL Corporation ATMEGA16 Datasheet HTML 286Page - ATMEL Corporation ATMEGA16 Datasheet HTML 287Page - ATMEL Corporation ATMEGA16 Datasheet HTML 288Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 315 page
background image
284
ATmega16(L)
2466E–AVR–10/02
5.
Poll for Fuse write complete using programming instruction 6d, or wait for t
WLRH
(refer to Table 112 on page 267).
6.
Load data low byte using programming instructions 6e. A “0” will program the
fuse, a “1” will unprogram the fuse.
7.
Write Fuse low byte using programming instruction 6f.
8.
Poll for Fuse write complete using programming instruction 6g, or wait for t
WLRH
(refer to Table 112 on page 267).
Programming the Lock Bits
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Lock bit write using programming instruction 7a.
3.
Load data using programming instructions 7b. A bit value of “0” will program the
corresponding Lock bit, a “1” will leave the Lock bit unchanged.
4.
Write Lock bits using programming instruction 7c.
5.
Poll for Lock bit write complete using programming instruction 7d, or wait for
tWLRH (refer to Table 112 on page 267).
Reading the Fuses and Lock
Bits
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Fuse/Lock bit read using programming instruction 8a.
3.
To read all Fuses and Lock bits, use programming instruction 8e.
To only read Fuse high byte, use programming instruction 8b.
To only read Fuse low byte, use programming instruction 8c.
To only read Lock bits, use programming instruction 8d.
Reading the Signature Bytes
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Signature byte read using programming instruction 9a.
3.
Load address $00 using programming instruction 9b.
4.
Read first signature byte using programming instruction 9c.
5.
Repeat steps 3 and 4 with address $01 and address $02 to read the second and
third signature bytes, respectively.
Reading the Calibration Byte
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Calibration byte read using programming instruction 10a.
3.
Load address $00 using programming instruction 10b.
4.
Read the calibration byte using programming instruction 10c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com