Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 281 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 281 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 277Page - ATMEL Corporation ATMEGA16 Datasheet HTML 278Page - ATMEL Corporation ATMEGA16 Datasheet HTML 279Page - ATMEL Corporation ATMEGA16 Datasheet HTML 280Page - ATMEL Corporation ATMEGA16 Datasheet HTML 281Page - ATMEL Corporation ATMEGA16 Datasheet HTML 282Page - ATMEL Corporation ATMEGA16 Datasheet HTML 283Page - ATMEL Corporation ATMEGA16 Datasheet HTML 284Page - ATMEL Corporation ATMEGA16 Datasheet HTML 285Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 315 page
background image
281
ATmega16(L)
2466E–AVR–10/02
Figure 142. Virtual Flash Page Load Register
Virtual Flash Page Read
Register
The Virtual Flash Page Read Register is a virtual scan chain with length equal to the
number of bits in one Flash page plus 8. Internally the Shift Register is 8-bit, and the
data are automatically transferred from the Flash data page byte by byte. The first 8
cycles are used to transfer the first byte to the internal Shift Register, and the bits that
are shifted out during these 8 cycles should be ignored. Following this initialization, data
are shifted out starting with the LSB of the first instruction in the page and ending with
the MSB of the last instruction in the page. This provides an efficient way to read one full
Flash page to verify programming.
Figure 143. Virtual Flash Page Read Register
TDI
TDO
D
A
T
A
Flash
EEPROM
Fuses
Lock Bits
STROBES
ADDRESS
State
Machine
TDI
TDO
D
A
T
A
Flash
EEPROM
Fuses
Lock Bits
STROBES
ADDRESS
State
Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com