Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 282 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 282 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 278Page - ATMEL Corporation ATMEGA16 Datasheet HTML 279Page - ATMEL Corporation ATMEGA16 Datasheet HTML 280Page - ATMEL Corporation ATMEGA16 Datasheet HTML 281Page - ATMEL Corporation ATMEGA16 Datasheet HTML 282Page - ATMEL Corporation ATMEGA16 Datasheet HTML 283Page - ATMEL Corporation ATMEGA16 Datasheet HTML 284Page - ATMEL Corporation ATMEGA16 Datasheet HTML 285Page - ATMEL Corporation ATMEGA16 Datasheet HTML 286Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 315 page
background image
282
ATmega16(L)
2466E–AVR–10/02
Programming Algorithm
All references below of type “1a”, “1b”, and so on, refer to Table 116.
Entering Programming Mode
1.
Enter JTAG instruction AVR_RESET and shift 1 in the Reset Register.
2.
Enter instruction PROG_ENABLE and shift 1010_0011_0111_0000 in the Pro-
gramming Enable Register.
Leaving Programming Mode
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Disable all programming instructions by usning no operation instruction 11a.
3.
Enter instruction PROG_ENABLE and shift 0000_0000_0000_0000 in the pro-
gramming Enable Register.
4.
Enter JTAG instruction AVR_RESET and shift 0 in the Reset Register.
Performing Chip Erase
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Start chip erase using programming instruction 1a.
3.
Poll for Chip Erase complete using programming instruction 1b, or wait for
tWLRH_CE (refer to Table 112 on page 267).
Programming the Flash
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash write using programming instruction 2a.
3.
Load address high byte using programming instruction 2b.
4.
Load address low byte using programming instruction 2c.
5.
Load data using programming instructions 2d, 2e and 2f.
6.
Repeat steps 4 and 5 for all instruction words in the page.
7.
Write the page using programming instruction 2g.
8.
Poll for Flash write complete using programming instruction 2h, or wait for tWLRH
(refer to Table 112 on page 267).
9.
Repeat steps 3 to 7 until all data have been programmed.
A more efficient data transfer can be achieved using the PROG_PAGELOAD
instruction:
1.
Enter JTAG instruction PROG_COMMANDS.
2.
Enable Flash write using programming instruction 2a.
3.
Load the page address using programming instructions 2b and 2c. PCWORD
(refer to Table 110 on page 258) is used to address within one page and must be
written as 0.
4.
Enter JTAG instruction PROG_PAGELOAD.
5.
Load the entire page by shifting in all instruction words in the page, starting with
the LSB of the first instruction in the page and ending with the MSB of the last
instruction in the page.
6.
Enter JTAG instruction PROG_COMMANDS.
7.
Write the page using programming instruction 2g.
8.
Poll for Flash write complete using programming instruction 2h, or wait for tWLRH
(refer to Table 112 on page 267).
9.
Repeat steps 3 to 8 until all data have been programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com