Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 285 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 285 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 281Page - ATMEL Corporation ATMEGA16 Datasheet HTML 282Page - ATMEL Corporation ATMEGA16 Datasheet HTML 283Page - ATMEL Corporation ATMEGA16 Datasheet HTML 284Page - ATMEL Corporation ATMEGA16 Datasheet HTML 285Page - ATMEL Corporation ATMEGA16 Datasheet HTML 286Page - ATMEL Corporation ATMEGA16 Datasheet HTML 287Page - ATMEL Corporation ATMEGA16 Datasheet HTML 288Page - ATMEL Corporation ATMEGA16 Datasheet HTML 289Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 315 page
background image
285
ATmega16(L)
2466E–AVR–10/02
Electrical Characteristics
Absolute Maximum Ratings*
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-1.0V to V
CC+0.5V
Voltage on RESET with respect to Ground......-1.0V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ................................ 200.0 mA
DC Characteristics
T
A = -40°C to 85°C, VCC = 2.7V to 5.5V (Unless Otherwise Noted)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Input Low Voltage
Except XTAL1 pin
-0.5
0.2 V
CC
(1)
V
VIL1
Input Low Voltage
XTAL1 pin, External
Clock Selected
-0.5
0.1 V
CC
(1)
V
VIH
Input High Voltage
Except XTAL1 and
RESET pins
0.6 V
CC
(2)
V
CC +0.5
V
VIH1
Input High Voltage
XTAL1 pin, External
Clock Selected
0.7 VCC
(2)
VCC +0.5
V
VIH2
Input High Voltage
RESET pin
0.9 V
CC
(2)
V
CC +0.5
V
VOL
Output Low Voltage
(3)
(Ports A,B,C,D)
IOL = 20 mA, VCC = 5V
IOL = 10 mA, VCC = 3V
0.7
0.5
V
V
VOH
Output High Voltage
(4)
(Ports A,B,C,D)
IOH = -20 mA, VCC = 5V
IOH = -10 mA, VCC = 3V
4.0
2.2
V
V
IIL
Input Leakage
Current I/O Pin
Vcc = 5.5V, pin low
(absolute value)
1µA
IIH
Input Leakage
Current I/O Pin
Vcc = 5.5V, pin high
(absolute value)
1µA
R
RST
Reset Pull-up Resistor
20
100
k
Ω
Rpu
I/O Pin Pull-up Resistor
20
100
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com