Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA16 Datasheet(PDF) 314 Page - ATMEL Corporation

Part # ATMEGA16
Description  8-bit AVR Microcontroller with 16K Bytes In-System Programmable Flash
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA16 Datasheet(HTML) 314 Page - ATMEL Corporation

Back Button ATMEGA16 Datasheet HTML 307Page - ATMEL Corporation ATMEGA16 Datasheet HTML 308Page - ATMEL Corporation ATMEGA16 Datasheet HTML 309Page - ATMEL Corporation ATMEGA16 Datasheet HTML 310Page - ATMEL Corporation ATMEGA16 Datasheet HTML 311Page - ATMEL Corporation ATMEGA16 Datasheet HTML 312Page - ATMEL Corporation ATMEGA16 Datasheet HTML 313Page - ATMEL Corporation ATMEGA16 Datasheet HTML 314Page - ATMEL Corporation ATMEGA16 Datasheet HTML 315Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 314 / 315 page
background image
v
ATmega16(L)
2466E–AVR–10/02
Two-wire Serial Interface Characteristics ......................................................... 288
SPI Timing Characteristics ............................................................................... 289
ADC Characteristics – Preliminary Data......................................... 291
ATmega16 Typical Characteristics – Preliminary Data ................. 293
Register Summary ............................................................................ 298
Instruction Set Summary ................................................................. 300
Ordering Information ........................................................................ 303
Packaging Information ..................................................................... 304
44A ................................................................................................................... 304
40P6 ................................................................................................................. 305
44M1................................................................................................................. 306
Erratas ............................................................................................... 307
ATmega16(L) Rev. G........................................................................................ 307
ATmega16(L) Rev. H........................................................................................ 307
Data Sheet Change Log for ATmega16 .......................................... 308
Changes from Rev. 2466B-09/01 to Rev. 2466C-03/02 ................................... 308
Changes from Rev. 2466C-03/02 to Rev. 2466D-09/02................................... 309
Table of Contents .................................................................................. i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com